| Electronic Components Datasheet Search |
|
3822 Datasheet(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
3822 Datasheet(HTML) 15 Page - Renesas Technology Corp |
|
15 / 59 page ![]() Rev.1.20 Dec 24, 2003 page 15 of 57 3822 Group (A ver.) Real time port function output A-D conversion input A-D trigger input Diagram No. Related SFRs Input/Output Name Pin Non-Port Function I/O Format Table 6 List of I/O port function P00/SEG16– P07/SEG23 P10/SEG24– P17/SEG31 P20–P27 P34/SEG12– P37/SEG15 P40 P41/ φ P42/INT0, P43/INT1 P44/RXD P45/TXD P46/SCLK P47/SRDY P50/INT2, P51/INT3 P52/RTP0, P53/RTP1 P54/CNTR0 Port P0 Port P1 Port P2 Port P3 Port P4 Input/output, individual ports Input/output, individual bits Input Input Input/output, individual bits CMOS compatible input level CMOS 3-state output CMOS compatible input level CMOS 3-state output CMOS compatible input level CMOS compatible input level CMOS compatible input level CMOS 3-state output CMOS compatible input level CMOS 3-state output CMOS compatible input level CMOS 3-state output CMOS compatible input level CMOS 3-state output LCD segment output Key input (key-on wake-up) interrupt input LCD segment output φ clock output External interrupt input Serial I/O function I/O External interrupt input Timer X function I/O Timer Y function input Timer 2 function output PULL register A Segment output enable register PULL register A Interrupt control register 2 PULL register A Segment output enable register PULL register B φ output control register PULL register B Interrupt edge selection register PULL register B Serial I/O control register Serial I/O status register UART control register PULL register B Interrupt edge selection register PULL register B Timer X mode register PULL register B Timer X mode register PULL register B Timer Y mode register PULL register B Timer 123 mode register PULL register B A-D control register PULL register A CPU mode register (1) (2) (3) (4) (6) (5) (2) (8) (7) Port P5 (9) (2) Input/output, individual bits (10) P55/CNTR1 (11) (12) (13) (12) (14) P56/TOUT P57/ADT P60/AN0– P67/AN7 (15) P70/XCOUT P71/XCIN COM0–COM3 SEG0–SEG11 (16) (17) (18) Input/output, individual bits Input/output, individual bits Output Output Sub-clock generating circuit I/O LCD common output LCD segment output Port P6 Port P7 Common Segment LCD mode register Notes 1: For details of how to use double function ports as function I/O ports, refer to the applicable sections. 2: When an input level is at an intermediate potential, a current will flow from VCC to VSS through the input-stage gate. Especially, power source current may increase during execution of the STP and WIT instructions. Fix the unused input pins to “H” or “L” through a resistor. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |