Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 3822
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 48Page - Renesas Technology Corp 3822 Datasheet HTML 49Page - Renesas Technology Corp 3822 Datasheet HTML 50Page - Renesas Technology Corp 3822 Datasheet HTML 51Page - Renesas Technology Corp 3822 Datasheet HTML 52Page - Renesas Technology Corp 3822 Datasheet HTML 53Page - Renesas Technology Corp 3822 Datasheet HTML 54Page - Renesas Technology Corp 3822 Datasheet HTML 55Page - Renesas Technology Corp 3822 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
Rev.1.20
Dec 24, 2003
page 52 of 57
3822 Group (A ver.)
(VCC = 2.0 to 5.5 V, VSS = AVSS = 0 V, Ta = –20 to 85 °C, 4 MHz
≤ f(XIN) ≤ 10 MHz, in middle/high-speed mode unless otherwise noted)
Symbol
Parameter
Limits
Min.
Unit
Typ.
Max.
Test conditions
–
Resolution
Absolute accuracy
(excluding quantization error)
VCC = VREF = 2.2 V to 5.5 V
f(XIN) = 2 ✕ VCC MHz
≤ 10 MHz
VCC = VREF
< 2.2 V
f(XIN)
≤ 12 ✕ VCC – 22 MHz
12
Bits
LSB
8
±2
Note: When an internal trigger is used in middle-speed mode, it is 14
µs.
µs
f(XIN) = 8 MHz
Conversion time
Ladder resistor
Reference power source input current
–
tCONV
RLADDER
IVREF
k
Ω
µA
Analog port input current
IIA
µA
35
150
VREF = 5 V
12.5
(Note)
100
200
5.0
50
Table 17 A-D converter characteristics (A version)
±3
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com