Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 3822
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 10Page - Renesas Technology Corp 3822 Datasheet HTML 11Page - Renesas Technology Corp 3822 Datasheet HTML 12Page - Renesas Technology Corp 3822 Datasheet HTML 13Page - Renesas Technology Corp 3822 Datasheet HTML 14Page - Renesas Technology Corp 3822 Datasheet HTML 15Page - Renesas Technology Corp 3822 Datasheet HTML 16Page - Renesas Technology Corp 3822 Datasheet HTML 17Page - Renesas Technology Corp 3822 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
Rev.1.20
Dec 24, 2003
page 14 of 57
3822 Group (A ver.)
I/O PORTS
Direction Registers (ports P2, P41-P47, and
P5-P7)
The 3822 group has 49 programmable I/O pins arranged in seven
I/O ports (ports P0–P2, P41–P47 and P5-P7). The I/O ports P2,
P41–P47 and P5-P7 have direction registers which determine the
input/output direction of each individual pin. Each bit in a direction
register corresponds to one pin, and each pin can be set to be in-
put port or output port.
When “0” is written to the bit corresponding to a pin, that pin be-
comes an input pin. When “1” is written to that bit, that pin be-
comes an output pin.
If data is read from a pin set to output, the value of the port output
latch is read, not the value of the pin itself. Pins set to input are
floating. If a pin set to input is written to, only the port output latch
is written to and the pin remains floating.
Direction Registers (ports P0 and P1)
Ports P0 and P1 have direction registers which determine the in-
put/output direction of each individual port.
Each port in a direction register corresponds to one port, each port
can be set to be input or output. When “0” is written to the bit 0 of
a direction register, that port becomes an input port. When “1” is
written to that port, that port becomes an output port. Bits 1 to 7 of
ports P0 and P1 direction registers are not used.
Ports P3 and P40
These ports are only for input.
Pull-up/Pull-down Control
By setting the PULL register A (address 001616) or the PULL reg-
ister B (address 001716), ports except for port P40 can control
either pull-down or pull-up (pins that are shared with the segment
output pins for LCD are pull-down; all other pins are pull-up) with
a program.
However, the contents of PULL register A and PULL register B do
not affect ports programmed as the output ports.
Fig. 11 Structure of PULL register A and PULL register B
P00–P07 pull-down
P10–P17 pull-down
P20–P27 pull-up
P34–P37 pull-down
P70, P71 pull-up
Not used (return “0” when read)
PULL register A
(PULLA: address 001616)
b7
b0
P41–P43 pull-up
P44–P47 pull-up
P50–P53 pull-up
P54–P57 pull-up
P60–P63 pull-up
P64–P67 pull-up
Not used (return “0” when read)
0: Disable
1: Enable
PULL register B
(PULLB : address 001716)
b7
b0
Note: The contents of PULL register A and PULL register B
do not affect ports programmed as the output port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com