Electronic Components Datasheet Search
  English  ▼

X  

M16623FC Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M16623FC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16623FC Datasheet(HTML) 4 Page - Renesas Technology Corp

  M16623FC Datasheet HTML 1Page - Renesas Technology Corp M16623FC Datasheet HTML 2Page - Renesas Technology Corp M16623FC Datasheet HTML 3Page - Renesas Technology Corp M16623FC Datasheet HTML 4Page - Renesas Technology Corp M16623FC Datasheet HTML 5Page - Renesas Technology Corp M16623FC Datasheet HTML 6Page - Renesas Technology Corp M16623FC Datasheet HTML 7Page - Renesas Technology Corp M16623FC Datasheet HTML 8Page - Renesas Technology Corp M16623FC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 242 page
background image
Mitsubishi microcomputers
M16C / 62A Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
3
Block Diagram
Figure 1.1.2 is a block diagram of the M16C/62A (80-pin version) group.
Timer
Timer TA0 (16 bits)
Timer TA1 (16 bits)
Timer TA2 (16 bits)
Timer TA3 (16 bits)
Timer TA4 (16 bits)
Timer TB0 (16 bits)
Timer TB1 (16 bits)
Timer TB2 (16 bits)
Timer TB3 (16 bits)
Timer TB4 (16 bits)
Timer TB5 (16 bits)
Internal peripheral functions
Watchdog timer
(15 bits)
DMAC
(2 channels)
D-A converter
(8 bits X 2 channels)
A-D converter
(10 bits X 8 channels
Expandable up to 10 channels)
UART/clock synchronous SI/O
(8 bits X 3 channels)(Note 3)
System clock generator
XIN-XOUT
XCIN-XCOUT
M16C/60 series16-bit CPU core
I/O ports
Port P0
8
Port P2
8
Port P3
8
Port P4
4
Port P5
8
Port P6
8
R0L
R0H
R1H
R1L
R2
R3
A0
A1
FB
R0L
R0H
R1H
R1L
R2
R3
A0
A1
FB
Registers
ISP
USP
Stack pointer
Vector table
INTB
CRC arithmetic circuit (CCITT )
(Polynomial : X16+X12+X5+1)
Multiplier
Memory
ROM
(Note 1)
RAM
(Note 2)
Note 1: ROM size depends on MCU type.
Note 2: RAM size depends on MCU type.
Note 3: One of three channels is used for UART and IIC mode.
SB
FLG
PC
Program counter
Clock synchronous SI/O
(8 bits X 2 channels)
Flag register
Figure 1.1.2. Block diagram of M16C/62A (80-pin version) group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com