Electronic Components Datasheet Search
  English  ▼

X  

M16623FC Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M16623FC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16623FC Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M16623FC Datasheet HTML 28Page - Renesas Technology Corp M16623FC Datasheet HTML 29Page - Renesas Technology Corp M16623FC Datasheet HTML 30Page - Renesas Technology Corp M16623FC Datasheet HTML 31Page - Renesas Technology Corp M16623FC Datasheet HTML 32Page - Renesas Technology Corp M16623FC Datasheet HTML 33Page - Renesas Technology Corp M16623FC Datasheet HTML 34Page - Renesas Technology Corp M16623FC Datasheet HTML 35Page - Renesas Technology Corp M16623FC Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 242 page
background image
Mitsubishi microcomputers
M16C / 62A Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Wait Mode
31
Table 1.9.3. Port status during wait mode
Pin
Single-chip mode
Port
Retains status before wait mode
CLKOUT
When fC selected
Does not stop
When f8, f32 selected Does not stop when the WAIT peripheral function clock stop bit
is “0”.
When the WAIT peripheral function clock stop bit is “1”, the sta-
tus immediately prior to entering wait mode is retained.
Wait Mode
When a WAIT instruction is executed, the BCLK stops and the microcomputer enters the wait mode. In this
mode, oscillation continues but the BCLK and watchdog timer stop. Writing “1” to the WAIT peripheral
function clock stop bit and executing a WAIT instruction stops the clock being supplied to the internal
peripheral functions, allowing power dissipation to be reduced. However, peripheral function clock fC32
does not stop so that the peripherals using fC32 do not contribute to the power saving. When the MCU
running in low-speed or low power dissipation mode, do not enter WAIT mode with this bit set to “1”. Table
1.9.3 shows the status of the ports in wait mode.
Wait mode is cancelled by a hardware reset or an interrupt. If an interrupt is used to cancel wait mode, that
interrupt must first have been enabled, and the priority level of the interrupt which is not used to cancel must
have been changed to 0. If returning by an interrupt, the clock in which the WAIT instruction executed is set
to BCLK by the microcomputer, and the action is resumed from the interrupt routine. If only a hardware
_______
reset or an NMI interrupt is used to cancel wait mode, change the priority level of all interrupt to 0,then shift
to wait mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com