Electronic Components Datasheet Search
  English  ▼

X  

M16623FC Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M16623FC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16623FC Datasheet(HTML) 5 Page - Renesas Technology Corp

  M16623FC Datasheet HTML 1Page - Renesas Technology Corp M16623FC Datasheet HTML 2Page - Renesas Technology Corp M16623FC Datasheet HTML 3Page - Renesas Technology Corp M16623FC Datasheet HTML 4Page - Renesas Technology Corp M16623FC Datasheet HTML 5Page - Renesas Technology Corp M16623FC Datasheet HTML 6Page - Renesas Technology Corp M16623FC Datasheet HTML 7Page - Renesas Technology Corp M16623FC Datasheet HTML 8Page - Renesas Technology Corp M16623FC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 242 page
background image
Description
Mitsubishi microcomputers
M16C / 62A Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
4
Item
Performance
Number of basic instructions
91 instructions
Shortest instruction execution time
62.5ns(f(XIN)=16MHZ, VCC=5V)
100ns (f(XIN)=10MHZ, VCC=3V, with software one-wait)
: Mask ROM, flash memory 5V version
Memory
ROM
(See the figure 1.1.3. ROM Expansion)
capacity
RAM
3K to 20K bytes
I/O port
P0 to P10 (except P85)
8 bits x 6, 7 bits x 2, 4 bits x 2
Input port
P85
1 bit x 1
Multifunction
TA0, TA3, TA4
16 bits x 3 (timer mode, internal/external event count,
timer
one-shot timer mode and pulse width measurement mode)
TB0, TB2, TB3, TB4, TB5
16 bits x 5 (timer mode, internal/external event count
and pulse period/pulse width measurement mode)
TA1, TA2
16 bits x 2 (timer mode, internal event count and
a trigger through one-shot timer mode occurs.)
TB1
16 bits x 1 (timer mode and internal event count)
Serial I/O
UART0, UART1, UART2
(UART or clock synchronous) x 2, UART x 1(UART2)
SI/O3, SI/O4
(Clock synchronous) x 2 (SI/O3 is output only)
A-D converter
10 bits x (8 + 2) channels
D-A converter
8 bits x 2
DMAC
2 channels (trigger: 24 sources)
CRC calculation circuit
CRC-CCITT
Watchdog timer
15 bits x 1 (with prescaler)
Interrupt
25 internal and 5 external sources, 4 software sources, 7 levels
Clock generating circuit
2 built-in clock generation circuits
(built-in feedback resistor, and external ceramic or quartz oscillator)
Supply voltage
4.2V to 5.5V (f(XIN)=16MHZ, without software wait)
: Mask ROM, flash memory 5V version
2.7V to 5.5V (f(XIN)=10MHZ with software one-wait)
: Mask ROM, flash memory 5V version
Power consumption
25.5mW (f(XIN) = 10MHZ, VCC=3V with software one-wait)
I/O
I/O withstand voltage
5V
characteristics Output current
5mA
Device configuration
CMOS high performance silicon gate
Package
80-pin plastic mold QFP
Note : M16C/62A (80-pin version) group does not support memory expansion or microprocessor mode.
Table 1.1.1. Performance outline of M16C/62A (80-pin version) group
Performance Outline
Table 1.1.1 is a performance outline of M16C/62A (80-pin version) group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com