Electronic Components Datasheet Search
  English  ▼

X  

M16623FC Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # M16623FC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16623FC Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button M16623FC Datasheet HTML 88Page - Renesas Technology Corp M16623FC Datasheet HTML 89Page - Renesas Technology Corp M16623FC Datasheet HTML 90Page - Renesas Technology Corp M16623FC Datasheet HTML 91Page - Renesas Technology Corp M16623FC Datasheet HTML 92Page - Renesas Technology Corp M16623FC Datasheet HTML 93Page - Renesas Technology Corp M16623FC Datasheet HTML 94Page - Renesas Technology Corp M16623FC Datasheet HTML 95Page - Renesas Technology Corp M16623FC Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 242 page
background image
Mitsubishi microcomputers
M16C / 62A Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Serial I/O
91
UARTi transmit/receive mode register
Symbol
Address
When reset
UiMR(i=0,1)
03A016, 03A816
0016
b7
b6
b5
b4
b3
b2
b1
b0
Bit name
Bit
symbol
W
R
Must always be 001
0 0 0 : Serial I/O invalid
0 1 0 : Must not be set
0 1 1 : Must not be set
1 1 1 : Must not be set
b2 b1 b0
CKDIR
SMD1
SMD0
SMD2
STPS
PRY
PRYE
SLEP
0 : Internal clock
1 : External clock (Note)
Odd/even parity
select bit
0 : One stop bit
1 : Two stop bits
0 : Parity disabled
1 : Parity enabled
0 : Sleep mode deselected
1 : Sleep mode selected
1 0 0 : Transfer data 7 bits long
1 0 1 : Transfer data 8 bits long
1 1 0 : Transfer data 9 bits long
0 0 0 : Serial I/O invalid
0 1 0 : Must not be set
0 1 1 : Must not be set
1 1 1 : Must not be set
b2 b1 b0
0 : Internal clock
1 : External clock (Note)
Invalid
Valid when bit 6 = “1”
0 : Odd parity
1 : Even parity
Invalid
Invalid
Must always be “0”
Function
(During UART mode)
Function
(During clock synchronous
serial I/O mode)
UART2 transmit/receive mode register
Symbol
Address
When reset
U2MR
037816
0016
b7
b6
b5
b4
b3
b2
b1
b0
Bit name
Bit
symbol
W
R
CKDIR
SMD1
SMD0
SMD2
STPS
PRY
PRYE
IOPOL
Serial I/O mode
select bit
Internal/external
clock select bit
Parity enable bit
Stop bit length
select bit
Sleep select bit
Serial I/O mode
select bit
Internal/external
clock select bit
Parity enable bit
Stop bit length
select bit
Odd/even parity
select bit
TxD, RxD I/O
polarity reverse bit
0 : One stop bit
1 : Two stop bits
0 : Parity disabled
1 : Parity enabled
0 : No reverse
1 : Reverse
Usually set to “0”
1 0 0 : Transfer data 7 bits long
1 0 1 : Transfer data 8 bits long
1 1 0 : Transfer data 9 bits long
0 0 0 : Serial I/O invalid
0 1 0 : Must not be set
0 1 1 : Must not be set
1 1 1 : Must not be set
b2 b1 b0
Valid when bit 6 = “1”
0 : Odd parity
1 : Even parity
Function
(During UART mode)
Function
(During clock synchronous
serial I/O mode)
Note : Bit 2 to bit 0 are set to “0102” when I
2C mode is used.
Must always be “0”
Clock synchronous serial
I/O mode can not be used
in UART2 (Note).
Note : Set the corresponding port direction register to “0”.
Figure 1.14.5. Serial I/O-related registers (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com