Electronic Components Datasheet Search
  English  ▼

X  

M16623FC Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M16623FC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16623FC Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M16623FC Datasheet HTML 4Page - Renesas Technology Corp M16623FC Datasheet HTML 5Page - Renesas Technology Corp M16623FC Datasheet HTML 6Page - Renesas Technology Corp M16623FC Datasheet HTML 7Page - Renesas Technology Corp M16623FC Datasheet HTML 8Page - Renesas Technology Corp M16623FC Datasheet HTML 9Page - Renesas Technology Corp M16623FC Datasheet HTML 10Page - Renesas Technology Corp M16623FC Datasheet HTML 11Page - Renesas Technology Corp M16623FC Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 242 page
background image
Mitsubishi microcomputers
M16C / 62A Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
7
About the M16C/62A (80-pin version) group
The M16C/62A (80-pin version) group is packaged in a 80-pin plastic mold package. The number of pins
in comparison with the 100-pin package products is decreased. So be careful about the following.
(a) The M16C/62A (80-pin version) group supports single chip mode alone. It supports neither
memory expansion mode nor microprocessor mode.
(b) The input/output ports given below are absent from the M16C/62A (80-pin version) group. To
stabilize the internal state, set to output mode the direction register of each input/output port. Fail-
ing in setting to output mode involves an increase in current consumption.
<Pins absent from the 80-pin version>
P10 to P17, P44 to P47, P72 to P75, P91
________
________
________
(c) INT3 to INT5 allocated to P15 to P17 cannot be used. Keep the INT3 interrupt control register
________
________
disabled for interrupts. The INT4 interrupt control register and the INT5 interrupt control register
are shared with SI/O3 and SI/O4. When the user don’t use them as SI/O3 and SI/O4, set them
disabled for interrupts.
(d) The output pins of timers A1 and A2 - TA1IN, TA1OUT, TA2IN and TA2OUT - allocated to P72 to P75
cannot be used. In connection with this, the gate function and pulse outputting function of timers A1
and A2 cannot be used. Use timer mode and internal event count, or use as trigger signal genera-
tion in one-shot timer mode.
_________ ________
(e) The UART2 input/output pins - CLK2 and CTS2/RTS2 - allocated to P72 and P73 cannot be used.
In connection with this, UART2 solely as UART of the internal clock can be used. And UART2 must
________ ________
be used by setting the CTS/ RTS disable bit (bit 4 at address 037C16) to “1”.
(f) The input pin TB1IN of timer B1 allocated to P91 cannot be used. With timer B1 under this state, use
only timer mode or the internal event count.
(g) The input pin SIN3 of serial I/O3 allocated to P91 cannot be used. In connection with this, use serial
I/O3 as a serial I/O exclusive to transmission.
(h) The output pins for three-phase motor control allocated to P72 to P75 cannot be used. So set to 0
(ordinary mode) the mode select bit (bit 2) of three-phase PWM control register 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com