Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 3886
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 35Page - Renesas Technology Corp 3886 Datasheet HTML 36Page - Renesas Technology Corp 3886 Datasheet HTML 37Page - Renesas Technology Corp 3886 Datasheet HTML 38Page - Renesas Technology Corp 3886 Datasheet HTML 39Page - Renesas Technology Corp 3886 Datasheet HTML 40Page - Renesas Technology Corp 3886 Datasheet HTML 41Page - Renesas Technology Corp 3886 Datasheet HTML 42Page - Renesas Technology Corp 3886 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 111 page
background image
38
3886 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
[Data Bus Buffer Status Register 0, 1
(DBBSTS0, DBBSTS1)] 002916, 002C16
The data bus buffer status register 0, 1 consist of eight bits.
Bits 0, 1, and 3 are read-only bits and indicate the condition of the
data bus buffer. Bits 2, 4, 5, 6, and 7 are user definable flags
which can be set by program, and can be read/written. This regis-
ter can be read from the host CPU when the A0 pin is set to “H”
only.
•Bit 0: Output buffer full flag OBF0, OBF1
When writing data to the output data bus buffer, these flags are
set to “1”. When reading the output data bus buffer from the host
CPU, these flags are cleared to “0”.
•Bit 1: Input buffer full flag IBF0, IBF1
When writing data from the host CPU to the input data bus
buffer, these flags are set to “1”. When reading the input data
bus buffer from the slave CPU side, these flags are cleared to
“0”.
•Bit 3: A0 flag A00, A01
When writing data from the host CPU to the input data bus
buffer, the level of the A0 pin is latched.
[Input Data Bus Buffer Register 0, 1 (DBBIN0,
DBBIN1)] 002816, 002B16
Data on the data bus is latched to DBBIN by writing request from
the host CPU. Data of DBBIN can be read from the data bus
buffer registers (address 002816 or 002B16) on SFR.
[Output Data Bus Buffer Register 0, 1
(DBBOUT0, DBBOUT1)] 002816, 002B16
When writing data to the data bus buffer registers (address 002816
or 002B16) on SFR, data is set to DBBOUT. Data of DBBOUT is
output from the host CPU to the data bus by performing the read-
ing request when the A0 pin is set to “L”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com