Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 3886
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 59Page - Renesas Technology Corp 3886 Datasheet HTML 60Page - Renesas Technology Corp 3886 Datasheet HTML 61Page - Renesas Technology Corp 3886 Datasheet HTML 62Page - Renesas Technology Corp 3886 Datasheet HTML 63Page - Renesas Technology Corp 3886 Datasheet HTML 64Page - Renesas Technology Corp 3886 Datasheet HTML 65Page - Renesas Technology Corp 3886 Datasheet HTML 66Page - Renesas Technology Corp 3886 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 111 page
background image
62
3886 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
BUS CONTROL AT MEMORY EXPANSION
The M38867M8A/E8A have a built-in ONW function to facilitate
access to an external (expanded) memory and I/O devices in
memory expansion mode or microprocessor mode.
If an “L” level signal is input to the P32/ONW pin when the CPU is
in a read or write state, the corresponding read or write cycle is
extended by one cycle of
φ. During this extended term, the RD
and WR signals remain at “L.” This extension function is valid only
for writing to and reading from addresses 000016 to 000716 and
044016 to FFFF16, and only read and write cycles are extended.
Fig. 64 ONW function timing
φ
RD
WR
ONW
*
**
* Term where ONW input signal is received.
During this term, the ONW signal must be fixed at either “H” or “L”. At all other times, the input level of the ONW
signal has no affect on operations. The bus cycles is not extended for an address in the area 000816 to 043F16,
because the ONW signal is not received.
Read cycle
Write cycle
Dummy cycle Write cycle
Read cycleDummy cycle
AD15—AD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com