Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 3886
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 11Page - Renesas Technology Corp 3886 Datasheet HTML 12Page - Renesas Technology Corp 3886 Datasheet HTML 13Page - Renesas Technology Corp 3886 Datasheet HTML 14Page - Renesas Technology Corp 3886 Datasheet HTML 15Page - Renesas Technology Corp 3886 Datasheet HTML 16Page - Renesas Technology Corp 3886 Datasheet HTML 17Page - Renesas Technology Corp 3886 Datasheet HTML 18Page - Renesas Technology Corp 3886 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 111 page
background image
14
3886 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Fig. 10 Port block diagram (1)
(2) Ports P01–P07,P1
Data bus
Port latch
output structure
selection bits
(3) Port P2
Data bus
Port latch
(4) Port P30
Comparator
Key-on wake-up
P30–P33 pull-up control bit
input
Data bus
Port latch
PWM00 output
PWM0 output pin selection bit
PWM0 enable bit
(5) Port P31
P30–P33 pull-up control bit
Data bus
Port latch
PWM10 output
PWM1 output pin selection bit
PWM1 enable bit
(6) Ports P32–P37
(7) Port P40
Port XC switch bit
Oscillator
Port P41
Port XC switch bit
(8) Port P41
Sub-clock generating circuit input
(1) Port P00
Data bus
Port latch
P00–P03 output
structure selection bit
Comparator reference power source input
Comparator reference input
pin select bit
P00–P03,
P04–P07,
P10–P13,
P14–P17
pull-up control bit
P30–P33,
P34–P37
Comparator
Key-on wake-up
input
Data busPort latch
Comparator
Key-on wake-up
input
Data bus
Port latch
Port XC switch bit
Data bus
Port latch
Direction
register
Direction
register
Direction
register
Direction
register
Direction
register
Direction
register
Direction
register
Direction
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com