Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 3886
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 2 Page - Renesas Technology Corp

  3886 Datasheet HTML 1Page - Renesas Technology Corp 3886 Datasheet HTML 2Page - Renesas Technology Corp 3886 Datasheet HTML 3Page - Renesas Technology Corp 3886 Datasheet HTML 4Page - Renesas Technology Corp 3886 Datasheet HTML 5Page - Renesas Technology Corp 3886 Datasheet HTML 6Page - Renesas Technology Corp 3886 Datasheet HTML 7Page - Renesas Technology Corp 3886 Datasheet HTML 8Page - Renesas Technology Corp 3886 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 111 page
background image
DESCRIPTION
The 3886 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 3886 group is designed for controlling systems that require
analog signal processing and include two serial I/O functions, A-D
converters, D-A converters, system data bus interface function,
watchdog timer, and comparator circuit.
The multi-master I2C bus interface can be added by option.
FEATURES
<Microcomputer mode>
qBasic machine-language instructions ...................................... 71
qMinimum instruction execution time .................................. 0.4
µs
(at 10 MHz oscillation frequency)
qMemory size
ROM ................................................................. 32K to 60K bytes
RAM ............................................................... 1024 to 2048 bytes
qProgrammable input/output ports ............................................ 72
qSoftware pull-up resistors ................................................. Built-in
qInterrupts ................................................. 21 sources, 16 vectors
(Included key input interrupt)
qTimers ............................................................................. 8-bit ! 4
qSerial I/O1 .................... 8-bit ! 1(UART or Clock-synchronized)
qSerial I/O2 ................................... 8-bit ! 1(Clock-synchronized)
qPWM output circuit ....................................................... 14-bit ! 2
qBus interface .................................................................... 2 bytes
qI2C bus interface (option) ............................................. 1 channel
qA-D converter ............................................... 10-bit ! 8 channels
qD-A converter ................................................. 8-bit ! 2 channels
qComparator circuit ...................................................... 8 channels
qWatchdog timer ............................................................ 16-bit ! 1
qClock generating circuit ..................................... Built-in 2 circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
qPower source voltage
In high-speed mode .................................................. 4.0 to 5.5 V
(at 10 MHz oscillation frequency)
In middle-speed mode ........................................... 2.7 to 5.5 V(*)
(at 10 MHz oscillation frequency)
In low-speed mode ............................................... 2.7 to 5.5 V (*)
(at 32 kHz oscillation frequency)
(*: 4.0 to 5.5 V for Flash memory version)
3886 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
qPower dissipation
In high-speed mode .......................................................... 40 mW
(at 10 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode ............................................................ 60
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
qMemory expansion possible (only for M38867M8A/E8A)
qOperating temperature range .................................... –20 to 85°C
<Flash memory mode>
qSupply voltage ................................................. VCC = 5 V ± 10 %
qProgram/Erase voltage ............................... VPP = 11.7 to 12.6 V
qProgramming method ...................... Programming in unit of byte
qErasing method
Batch erasing ........................................ Parallel/Serial I/O mode
Block erasing .................................... CPU reprogramming mode
qProgram/Erase control by software command
qNumber of times for programming/erasing ............................ 100
qOperating temperature range (at programming/erasing)
..................................................................... Normal temperature
sNotes
1. The flash memory version cannot be used for application em-
bedded in the MCU card.
2. Power source voltage Vcc of the flash memory version is 4.0
to 5.5 V.
APPLICATION
Household product, consumer electronics, communications, note
book PC, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com