Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 3886
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 45Page - Renesas Technology Corp 3886 Datasheet HTML 46Page - Renesas Technology Corp 3886 Datasheet HTML 47Page - Renesas Technology Corp 3886 Datasheet HTML 48Page - Renesas Technology Corp 3886 Datasheet HTML 49Page - Renesas Technology Corp 3886 Datasheet HTML 50Page - Renesas Technology Corp 3886 Datasheet HTML 51Page - Renesas Technology Corp 3886 Datasheet HTML 52Page - Renesas Technology Corp 3886 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 111 page
background image
48
3886 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
START/STOP
condition
control register
Oscillation
frequency
f(XIN) (MHz)
Fig. 46 Address data communication format
Fig. 45 Structure of I2C START/STOP condition control register
Note: Do not set “000002” or an odd number to the START/STOP condition set bit (SSC4 to SSC0).
Table 14 Recommended set value to START/STOP condition set bits (SSC4–SSC0) for each oscillation frequency
Main clock
divide ratio
System
clock
φ
(MHz)
SCL release time
(
µs)
Setup time
(
µs)
Hold time
(
µs)
10
8
8
4
2
2
2
8
2
2
XXX11110
XXX11010
XXX11000
XXX00100
XXX01100
XXX01010
XXX00100
3.2
µs (16 cycles)
3.5
µs (14 cycles)
3.25
µs (13 cycles)
3.0
µs (3 cycles)
3.5
µs (7 cycles)
3.0
µs (6 cycles)
3.0
µs (3 cycles)
6.2
µs (31 cycles)
6.75
µs (27 cycles)
6.25
µs (25 cycles)
5.0
µs (5 cycles)
6.5
µs (13 cycles)
5.5
µs (11 cycles)
5.0
µs (5 cycles)
3.0
µs (15 cycles)
3.25
µs (13 cycles)
3.0
µs (12 cycles)
2.0
µs (2 cycles)
3.0
µs (6 cycles)
2.5
µs (5 cycles)
2.0
µs (2 cycles)
5
4
1
2
1
b7
STSP
SEL
b0
I2C START/STOP condition
control register
START/STOP condition set bit
SCL/SDA interrupt pin polarity
selection bit
0 :Falling edge active
1 :Rising edge active
SCL/SDA interrupt pin selection bit
0 :SDA valid
1 :SCL valid
START/STOP condition generating
selection bit
0 :Setup/Hold time short mode
1 :Setup/Hold time long mode
SISSIP SSC4SSC3SSC2SSC1SSC0
(S2D : address 001716)
SSlave addressR/W
ADataA
Data
A/A
P
7 bits“0”1 to 8 bits1 to 8 bits
(1) A master-transmitter transnmits data to a slave-receiver
S
Slave address R/W
ADataA
Data
A
P
7 bits“1”1 to 8 bits1 to 8 bits
(2) A master-receiver receives data from a slave-transmitter
S
Slave address
1st 7 bits
R/W
A
7 bits“0”8 bits
(3) A master-transmitter transmits data to a slave-receiver with a 10-bit address
Slave address
2nd bytes
A
DataA
Data
A/A
P
1 to 8 bits1 to 8 bits
S
Slave address
1st 7 bits
R/W
A
7 bits“0”8 bits
(4) A master-receiver receives data from a slave-transmitter with a 10-bit address
Slave address
2nd bytes
AData
A
A
Sr
Slave address
1st 7 bits
R/W
A
DataP
S : START condition
A : ACK bit
Sr : Restart condition
P : STOP condition
R/W : Read/Write bit
7 bits
“1”1 to 8 bits1 to 8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com