Electronic Components Datasheet Search
  English  ▼

X  

4524 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 4524
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4524 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 4524 Datasheet HTML 29Page - Renesas Technology Corp 4524 Datasheet HTML 30Page - Renesas Technology Corp 4524 Datasheet HTML 31Page - Renesas Technology Corp 4524 Datasheet HTML 32Page - Renesas Technology Corp 4524 Datasheet HTML 33Page - Renesas Technology Corp 4524 Datasheet HTML 34Page - Renesas Technology Corp 4524 Datasheet HTML 35Page - Renesas Technology Corp 4524 Datasheet HTML 36Page - Renesas Technology Corp 4524 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 161 page
background image
Rev.2.00
Jul 27, 2004
page 33 of 159
REJ03B0091-0200Z
4524 Group
Fig. 25 Timer structure (1)
STCK
1
W22
0
W21, W20
10
11
01
00
ORCLK
T1UDF
PWMOUT
T2F
(TAB2)
(TAB2)
(T2AB)
(T2AB)
(T2AB)
T1UDF
1
W23
0
1/2
T2UDF
1/2
1
W60
0
Port D7 output
D7/CNTR0
Division circuit
Divided by 8
Divided by4
Divided by 2
System clock (STCK)
XCIN
Instruction clock
(INSTCK)
Multi-
plexer
(CMCK/CRCK)
Quartz-crystal
oscillation
1
MR0
0
ORCLK
Reload register RPS (8)
Prescaler (8)
Register B
Register A
(TABPS)
(TABPS)
(TPSAB)
1
PA0
0
MR3, MR2
01
00
10
11
INSTCK
0
1
Q
R
S
0
1
I12
0
1
D8/INT0
W13
T1UDF
I10
I13
I11
I10
1
W12
0
W11, W10
10
11
01
00
ORCLK
T5UDF
D7/CNTR0
T1F
(TAB1)
(TAB1)
(T1AB)
(T1AB)
(T1AB)
(TR1AB)
(TPSAB)
(TPSAB)
PWMOUT
0
1
Q
R
S
0
1
I22
0
1
D9/INT1
W33
T3UDF
I20
I23
I21
I20
1
W32
0
W31, W30
10
11
01
00
ORCLK
T2UDF
C/CNTR1
T3F
(TAB3)
(TAB3)
(T3AB)
(T3AB)
(T3AB)
(TR3AB)
T5UDF:
PWMOUT:
Timer 5 underflow signal (from timer 5)
PWM output signal (from timer 4 output unit)
(Note 1)
(Note 2)
(Note 4)
(Note 4)
(Note 3)
(Note 4)
On-chip oscillator
XIN
Ceramic resonance
(CMCK)
RC oscillation
(CRCK)
Timer 1 (8)
Timer 1
interrupt
Reload register R1 (8)
Register B Register A
Timer 1 underflow signal (T1UDF)
One-sided edge
detection circuit
Both edges
detection circuit
Falling
Rising
(Note 4)
One-sided edge
detection circuit
Both edges
detection circuit
Falling
Rising
Timer 2
interrupt
Timer 2 underflow signal (T2UDF)
Timer 2 (8)
Reload register R2 (8)
Register B Register A
Timer 3
interrupt
Timer 3 underflow signal (T3UDF)
Timer 3 (8)
Reload register R3 (8)
Register B Register A
Internal clock
generating circuit
(divided by 3)
Data is set automatically from each reload
register when timer underflows
(auto-reload function).
Notes 1: When CMCK instruction is executed, ceramic resonance is selected.
When CRCK instruction is executed, RC oscillation is selected.
When any instructions are not executed, on-chip oscillator clock
(internal oscillation) is selected.
2: Timer 1 count start synchronous circuit is set
by the valid edge of D8/INT0 pin selected by bits 1 (I11) and 2 (I12)
of register I1.
3: Timer 3 count start synchronous circuit is set
by the valid edge of D9/INT1 pin selected by bits 1 (I21) and 2 (I22)
of register I2.
4: Count source is stopped by clearing to “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com