Electronic Components Datasheet Search
  English  ▼

X  

HSG1003 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HSG1003
Description  High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1003 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HSG1003 Datasheet HTML 1Page - Renesas Technology Corp HSG1003 Datasheet HTML 2Page - Renesas Technology Corp HSG1003 Datasheet HTML 3Page - Renesas Technology Corp HSG1003 Datasheet HTML 4Page - Renesas Technology Corp HSG1003 Datasheet HTML 5Page - Renesas Technology Corp HSG1003 Datasheet HTML 6Page - Renesas Technology Corp HSG1003 Datasheet HTML 7Page - Renesas Technology Corp HSG1003 Datasheet HTML 8Page - Renesas Technology Corp HSG1003 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Rev.2.00, Jan.25.2005, page 1 of 37
HSG1003
SiGeHBT
High Frequency Low Noise Amplifier
REJ03G0197-0200
Rev.2.00
Jan.25.2005
Features
• High power gain and low noise figure ;
• MSG = 21 dB typ. , NF = 0.65 dB typ. at V
CE = 2 V,IC = 5 mA, f = 1.8 GHz
MSG = 19 dB typ. , NF = 0.75 dB typ. at VCE = 2 V,IC = 5 mA, f = 2.4 GHz
MSG = 14 dB typ. , NF = 1.2 dB typ. at VCE = 2 V,IC = 10 mA, f = 5.8 GHz
• Transition Frequency
fT = 36 GHz typ. at f = 1 GHz
• V
CEO = 3.5 V
• Ideal for 2.4 GHz / 5 GHz Band WLAN and Cordless phone applications.
Outline
1
2
3
4
1. Emitter
2. Collector
3. Emitter
4. Base
CMPAK-4
Note:
Marking is "VE-".
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
8
V
Collector to emitter voltage
VCEO
3.5
V
Emitter to base voltage
VEBO
1.2
V
Collector current
IC
35
mA
Pc
100
mW
Collector power dissipation
Pc
note1
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. Value on PCB ( FR-4 : 40 x 40 x 1.6mm Double side )


Similar Part No. - HSG1003

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSG1001 RENESAS-HSG1001 Datasheet
462Kb / 38P
SiGeHBT High Frequency Low Noise Amplifier
HSG1001VD RENESAS-HSG1001VD Datasheet
462Kb / 38P
SiGeHBT High Frequency Low Noise Amplifier
HSG1002 RENESAS-HSG1002 Datasheet
450Kb / 38P
SiGeHBT High Frequency Low Noise Amplifier
HSG1002VE RENESAS-HSG1002VE Datasheet
450Kb / 38P
SiGeHBT High Frequency Low Noise Amplifier
More results

Similar Description - HSG1003

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2369 NEC-2SC2369 Datasheet
35Kb / 1P
High Frequency Low Noise Amplifier
logo
Unisonic Technologies
2SC3355 UTC-2SC3355 Datasheet
107Kb / 3P
HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3355 UTC-2SC3355_11 Datasheet
82Kb / 2P
HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3356 UTC-2SC3356_09 Datasheet
197Kb / 4P
HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Sanyo Semicon Device
MCH4016 SANYO-MCH4016 Datasheet
84Kb / 10P
High-Frequency Low-Noise Amplifier
MCH4017 SANYO-MCH4017 Datasheet
83Kb / 9P
High-Frequency Low-Noise Amplifier
CPH6020 SANYO-CPH6020_12 Datasheet
506Kb / 6P
High-Frequency Low-Noise Amplifier
CPH6021 SANYO-CPH6021_12 Datasheet
572Kb / 12P
High-Frequency Low-Noise Amplifier
logo
Unisonic Technologies
2SC3358 UTC-2SC3358_15 Datasheet
72Kb / 2P
HIGH FREQUENCY LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com