Electronic Components Datasheet Search
  English  ▼

X  

HSG1003 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # HSG1003
Description  High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1003 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button HSG1003 Datasheet HTML 25Page - Renesas Technology Corp HSG1003 Datasheet HTML 26Page - Renesas Technology Corp HSG1003 Datasheet HTML 27Page - Renesas Technology Corp HSG1003 Datasheet HTML 28Page - Renesas Technology Corp HSG1003 Datasheet HTML 29Page - Renesas Technology Corp HSG1003 Datasheet HTML 30Page - Renesas Technology Corp HSG1003 Datasheet HTML 31Page - Renesas Technology Corp HSG1003 Datasheet HTML 32Page - Renesas Technology Corp HSG1003 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
HSG1003
Rev.2.00, Jan.25.2005, page 29 of 37
S Parameter
(VCE = 3 V, IC = 7 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.903
-9.5
19.54
171.1
0.0110
92.9
0.962
-6.9
200
0.885
-18.5
19.16
163.1
0.0101
77.0
0.969
-11.4
300
0.857
-27.3
18.56
155.7
0.0175
68.7
0.938
-16.7
400
0.824
-36.1
17.92
148.9
0.0230
69.6
0.904
-21.5
500
0.787
-44.6
17.24
142.5
0.0278
61.2
0.863
-25.9
600
0.748
-52.8
16.50
136.6
0.0314
60.3
0.820
-29.8
700
0.711
-60.1
15.63
131.1
0.0352
58.9
0.778
-33.4
800
0.672
-67.4
14.86
125.9
0.0385
54.9
0.736
-36.3
900
0.635
-74.7
14.18
121.2
0.0396
53.7
0.696
-38.8
1000
0.600
-81.2
13.42
116.6
0.0436
51.3
0.660
-41.2
1100
0.569
-87.5
12.70
112.5
0.0464
49.1
0.627
-43.3
1200
0.539
-93.8
12.07
108.5
0.0471
47.0
0.595
-45.2
1300
0.512
-99.4
11.42
104.9
0.0488
47.2
0.566
-46.8
1400
0.490
-105.0
10.84
101.7
0.0513
46.0
0.540
-48.4
1500
0.470
-110.6
10.32
98.5
0.0529
44.9
0.515
-49.9
1600
0.451
-115.9
9.82
95.5
0.0547
44.4
0.493
-51.1
1700
0.436
-121.0
9.36
92.7
0.0555
43.4
0.472
-52.3
1800
0.424
-126.1
8.94
90.0
0.0570
42.6
0.452
-53.5
1900
0.412
-131.0
8.55
87.4
0.0586
42.8
0.434
-54.7
2000
0.402
-135.8
8.19
85.0
0.0605
42.2
0.417
-55.7
2200
0.388
-144.8
7.54
80.3
0.0631
41.3
0.387
-58.0
2400
0.378
-153.4
6.98
75.9
0.0664
40.8
0.360
-60.0
2600
0.373
-161.3
6.49
71.8
0.0688
39.5
0.335
-62.2
2800
0.371
-169.1
6.06
67.9
0.0724
39.4
0.313
-64.4
3000
0.372
-175.9
5.68
64.1
0.0758
37.8
0.293
-66.9
3200
0.375
177.7
5.34
60.4
0.0783
37.8
0.275
-69.6
3400
0.378
171.5
5.03
56.8
0.0805
36.9
0.258
-72.1
3600
0.382
165.9
4.76
53.4
0.0844
35.9
0.242
-74.6
3800
0.387
161.1
4.51
50.2
0.0875
35.5
0.229
-77.6
4000
0.394
156.3
4.30
46.9
0.0908
34.4
0.216
-81.0
4200
0.402
151.9
4.09
43.7
0.0950
33.8
0.205
-84.5
4400
0.409
147.6
3.91
40.5
0.0980
32.2
0.193
-88.4
4600
0.418
143.7
3.75
37.4
0.1009
30.8
0.183
-92.3
4800
0.426
139.7
3.59
34.3
0.1053
29.8
0.173
-96.6
5000
0.434
136.1
3.45
31.1
0.1083
28.7
0.164
-101.2
5200
0.442
132.5
3.32
28.1
0.1122
27.4
0.155
-106.4
5400
0.449
129.1
3.19
25.0
0.1158
26.1
0.147
-111.8
5600
0.457
125.6
3.08
22.0
0.1195
24.7
0.140
-117.3
5800
0.465
122.4
2.97
19.0
0.1228
22.9
0.133
-123.4
6000
0.473
119.1
2.87
15.9
0.1266
21.5
0.127
-130.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com