Electronic Components Datasheet Search
  English  ▼

X  

HSG1003 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HSG1003
Description  High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1003 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HSG1003 Datasheet HTML 7Page - Renesas Technology Corp HSG1003 Datasheet HTML 8Page - Renesas Technology Corp HSG1003 Datasheet HTML 9Page - Renesas Technology Corp HSG1003 Datasheet HTML 10Page - Renesas Technology Corp HSG1003 Datasheet HTML 11Page - Renesas Technology Corp HSG1003 Datasheet HTML 12Page - Renesas Technology Corp HSG1003 Datasheet HTML 13Page - Renesas Technology Corp HSG1003 Datasheet HTML 14Page - Renesas Technology Corp HSG1003 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
HSG1003
Rev.2.00, Jan.25.2005, page 11 of 37
Scale: 15 / div.
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
Condition: VCE = 3 V , Zo = 50
Ω
100 to 6000 MHz (100 MHz step)
Condition: VCE = 3 V , Zo = 50
Ω
100 to 1000 MHz (100 MHz step)
1000 to 2000 MHz (200 MHz step)
2000 to 6000 MHz (400 MHz step)
.2
.4
.6
1
2
5
–10
–5
–3
–2
–1.5
10
5
3
2
1.5
–1
–.8
–.6
–.4
–.2
0
.2
.4
.6
.8
1
1.5
Scale: 0.1 / div.
S12 Parameter vs. Frequency
Condition: VCE = 3 V , Zo = 50
Ω
100 to 6000 MHz (100 MHz step)
4
–4
3 4
.8
S22 Parameter vs. Frequency
Condition: VCE = 3 V , Zo = 50
Ω
100 to 1000 MHz (100 MHz step)
1000 to 2000 MHz (200 MHz step)
2000 to 6000 MHz (400 MHz step)
.2
.4
.6
1
2
5
–10
–5
–3
–2
–1.5
10
5
3
2
1.5
–1
–.8
–.6
–.4
–.2
0
.2
.4
.6
.8
1
1.5
4
–4
3 4
.8
IC = 1 mA
IC = 3 mA
IC = 5 mA
IC = 7 mA
IC = 10 mA
IC = 20 mA
IC = 30 mA
IC = 1 mA
IC = 3 mA
IC = 5 mA
IC = 7 mA
IC = 10 mA
IC = 20 mA
IC = 30 mA
IC = 1 mA
IC = 3 mA
IC = 5 mA
IC = 7 mA
IC = 10 mA
IC = 20 mA
IC = 30 mA
IC = 1 mA
IC = 3 mA
IC = 5 mA
IC = 7 mA
IC = 10 mA
IC = 20 mA
IC = 30 mA
30
45
60
75
15
0.1
0.2
0.3
0.4
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com