Electronic Components Datasheet Search
  English  ▼

X  

HSG1003 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HSG1003
Description  High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1003 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HSG1003 Datasheet HTML 15Page - Renesas Technology Corp HSG1003 Datasheet HTML 16Page - Renesas Technology Corp HSG1003 Datasheet HTML 17Page - Renesas Technology Corp HSG1003 Datasheet HTML 18Page - Renesas Technology Corp HSG1003 Datasheet HTML 19Page - Renesas Technology Corp HSG1003 Datasheet HTML 20Page - Renesas Technology Corp HSG1003 Datasheet HTML 21Page - Renesas Technology Corp HSG1003 Datasheet HTML 22Page - Renesas Technology Corp HSG1003 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
HSG1003
Rev.2.00, Jan.25.2005, page 19 of 37
S Parameter
(VCE = 2 V, IC = 1 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.980
-4.5
3.19
176.0
0.0053
145.2
0.992
-2.6
200
0.982
-8.6
3.19
171.9
0.0131
84.4
0.997
-4.8
300
0.976
-12.7
3.18
168.2
0.0223
86.1
0.991
-7.0
400
0.973
-17.4
3.18
164.7
0.0286
77.8
0.982
-9.4
500
0.967
-21.7
3.18
161.1
0.0348
76.2
0.977
-11.6
600
0.961
-26.1
3.17
157.8
0.0407
72.9
0.968
-13.8
700
0.956
-30.4
3.13
154.2
0.0472
69.5
0.958
-16.0
800
0.947
-34.6
3.11
150.7
0.0533
66.0
0.947
-18.2
900
0.940
-39.2
3.13
148.2
0.0603
63.6
0.935
-20.3
1000
0.929
-43.6
3.11
144.1
0.0651
60.6
0.921
-22.4
1100
0.919
-48.0
3.08
140.8
0.0709
57.1
0.909
-24.4
1200
0.908
-52.5
3.08
136.9
0.0758
55.3
0.896
-26.4
1300
0.896
-56.7
3.03
133.6
0.0810
52.1
0.881
-28.3
1400
0.886
-61.2
3.00
130.5
0.0856
50.4
0.868
-30.3
1500
0.873
-65.7
2.98
127.2
0.0900
46.4
0.853
-32.3
1600
0.860
-70.3
2.97
123.8
0.0939
44.5
0.838
-34.1
1700
0.848
-74.7
2.93
120.6
0.0981
42.1
0.823
-36.0
1800
0.836
-79.1
2.88
117.4
0.1013
39.6
0.807
-37.8
1900
0.824
-83.6
2.84
114.3
0.1047
36.9
0.793
-39.6
2000
0.812
-88.2
2.81
111.2
0.1072
34.2
0.778
-41.4
2200
0.789
-96.9
2.72
105.0
0.1128
29.9
0.748
-44.9
2400
0.767
-105.7
2.65
99.0
0.1153
25.5
0.718
-48.2
2600
0.747
-114.3
2.57
93.1
0.1182
21.2
0.688
-51.5
2800
0.728
-122.9
2.49
87.5
0.1201
17.3
0.662
-54.8
3000
0.712
-131.2
2.40
81.9
0.1213
13.6
0.637
-57.8
3200
0.698
-139.1
2.31
76.5
0.1211
10.3
0.613
-61.0
3400
0.687
-146.9
2.23
71.3
0.1203
7.1
0.591
-64.1
3600
0.677
-154.3
2.14
66.4
0.1183
4.1
0.569
-67.1
3800
0.670
-161.2
2.07
61.6
0.1155
1.3
0.550
-70.1
4000
0.666
-168.1
1.99
56.9
0.1151
-0.5
0.534
-73.3
4200
0.662
-174.7
1.93
52.4
0.1129
-2.4
0.517
-76.5
4400
0.661
179.1
1.85
47.9
0.1102
-4.1
0.503
-79.8
4600
0.660
173.1
1.79
43.6
0.1075
-5.5
0.489
-83.1
4800
0.660
167.5
1.73
39.3
0.1055
-6.3
0.477
-86.4
5000
0.660
162.0
1.67
35.2
0.1021
-7.1
0.465
-89.8
5200
0.662
156.7
1.62
31.1
0.1002
-7.8
0.453
-93.4
5400
0.665
151.7
1.56
27.2
0.0982
-8.2
0.443
-97.1
5600
0.667
146.9
1.51
23.3
0.0949
-7.7
0.434
-101.1
5800
0.669
142.1
1.46
19.4
0.0937
-7.5
0.425
-105.0
6000
0.672
137.6
1.41
15.6
0.0927
-6.8
0.415
-108.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com