Electronic Components Datasheet Search
  English  ▼

X  

HSG1003 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # HSG1003
Description  High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1003 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button HSG1003 Datasheet HTML 18Page - Renesas Technology Corp HSG1003 Datasheet HTML 19Page - Renesas Technology Corp HSG1003 Datasheet HTML 20Page - Renesas Technology Corp HSG1003 Datasheet HTML 21Page - Renesas Technology Corp HSG1003 Datasheet HTML 22Page - Renesas Technology Corp HSG1003 Datasheet HTML 23Page - Renesas Technology Corp HSG1003 Datasheet HTML 24Page - Renesas Technology Corp HSG1003 Datasheet HTML 25Page - Renesas Technology Corp HSG1003 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
HSG1003
Rev.2.00, Jan.25.2005, page 22 of 37
S Parameter
(VCE = 2 V, IC = 7 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.901
-9.8
19.67
171.0
0.0075
50.0
0.966
-6.2
200
0.883
-19.0
19.27
162.8
0.0114
75.2
0.970
-12.1
300
0.852
-28.0
18.64
155.3
0.0193
82.6
0.938
-17.6
400
0.820
-37.0
17.96
148.4
0.0251
69.8
0.899
-22.6
500
0.781
-45.6
17.26
141.9
0.0286
65.2
0.857
-27.2
600
0.742
-53.8
16.48
136.0
0.0341
60.3
0.813
-31.3
700
0.704
-61.3
15.59
130.5
0.0378
58.1
0.768
-35.0
800
0.666
-68.6
14.80
125.2
0.0396
54.8
0.724
-38.2
900
0.629
-76.1
14.10
120.5
0.0423
53.5
0.685
-40.9
1000
0.594
-82.6
13.33
116.0
0.0444
50.4
0.647
-43.3
1100
0.564
-89.0
12.60
111.9
0.0472
48.8
0.613
-45.6
1200
0.534
-95.2
11.96
107.9
0.0484
48.1
0.580
-47.5
1300
0.509
-101.1
11.32
104.3
0.0508
47.4
0.550
-49.4
1400
0.488
-106.8
10.73
101.1
0.0535
46.3
0.523
-50.9
1500
0.468
-112.4
10.21
97.9
0.0552
44.9
0.498
-52.5
1600
0.450
-117.7
9.72
94.9
0.0563
43.9
0.475
-53.8
1700
0.436
-122.9
9.26
92.1
0.0588
42.7
0.453
-55.2
1800
0.424
-127.9
8.84
89.5
0.0592
42.4
0.434
-56.5
1900
0.412
-132.8
8.45
86.9
0.0610
42.0
0.415
-57.7
2000
0.403
-137.6
8.08
84.5
0.0621
41.7
0.398
-58.8
2200
0.390
-146.5
7.44
79.8
0.0653
40.7
0.367
-61.3
2400
0.382
-155.1
6.89
75.4
0.0682
39.9
0.339
-63.6
2600
0.377
-163.0
6.40
71.3
0.0720
39.3
0.314
-66.1
2800
0.376
-170.4
5.98
67.4
0.0751
38.4
0.292
-68.5
3000
0.377
-177.3
5.60
63.6
0.0784
37.0
0.272
-71.2
3200
0.381
176.4
5.26
59.9
0.0808
36.7
0.254
-74.0
3400
0.385
170.3
4.96
56.3
0.0838
35.7
0.236
-77.0
3600
0.389
164.7
4.68
52.9
0.0873
34.8
0.220
-79.8
3800
0.394
160.0
4.44
49.7
0.0905
34.6
0.207
-83.0
4000
0.402
155.4
4.23
46.4
0.0944
33.4
0.194
-86.9
4200
0.409
150.9
4.03
43.1
0.0979
32.2
0.183
-91.1
4400
0.418
146.7
3.85
39.9
0.1016
31.2
0.172
-95.5
4600
0.426
142.7
3.68
36.8
0.1050
29.7
0.163
-100.3
4800
0.433
138.9
3.53
33.7
0.1081
28.6
0.153
-105.0
5000
0.441
135.2
3.39
30.6
0.1117
27.1
0.144
-110.4
5200
0.450
131.6
3.26
27.5
0.1150
25.6
0.136
-116.6
5400
0.456
128.3
3.14
24.4
0.1194
24.3
0.129
-122.8
5600
0.465
124.9
3.02
21.4
0.1222
22.7
0.124
-129.4
5800
0.473
121.7
2.92
18.4
0.1262
21.4
0.119
-137.0
6000
0.481
118.5
2.82
15.4
0.1301
20.3
0.115
-144.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com