Electronic Components Datasheet Search
  English  ▼

X  

HSG2005 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HSG2005
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2005 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HSG2005 Datasheet HTML 1Page - Renesas Technology Corp HSG2005 Datasheet HTML 2Page - Renesas Technology Corp HSG2005 Datasheet HTML 3Page - Renesas Technology Corp HSG2005 Datasheet HTML 4Page - Renesas Technology Corp HSG2005 Datasheet HTML 5Page - Renesas Technology Corp HSG2005 Datasheet HTML 6Page - Renesas Technology Corp HSG2005 Datasheet HTML 7Page - Renesas Technology Corp HSG2005 Datasheet HTML 8Page - Renesas Technology Corp HSG2005 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HSG2005
Rev.4.00 Jun 21, 2006 page 5 of 12
5.8 GHz Characteristics
Input Power Pin (dBm)
10
0
5
15
20
5
25
15
20
10
Pin - Pout Characteristics
OUT
IN
0.5 pF
*1
µF
*1
µF
0.2 pF
1000 pF
27
Ω
2 pF
2 pF
VCC
VBB : Bias Control
1000 pF
0.4 pF
0.5 pF
10 pF
10 pF
Evaluation Board Circuit
Pin - Pout Characteristics
0
-10
-30
0
-20
10
57
8
6
4
Frequency f (GHz)
S parameter vs. Frequency
-20
0
20
-40
40
-40
0
40
-20
-60
Input Power Pin (dBm)
3rd. Order Intermodulation Distortion (IMD3)
-50
20
-30
-10
10
30
VCE = 3.6 V
Iidle = 100 mA
f = 5.8 GHz
Fundamental
(1tone)
IMD3
(2tone:
∆f = 1MHz)
100
0
150
200
50
250
Pout
Iop
PG
VCC = 3.6 V
Iidle = 100 mA
f = 5.8 GHz
-10
-30
0
-20
10
57
8
6
4
Frequency f (GHz)
S parameter vs. Frequency
VCE = 3.6 V
IC = 100 mA
S21
S11
S22
S12
S21
S22
S12
S11
VCE = 3.6 V
IC = 150 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com