Electronic Components Datasheet Search
  English  ▼

X  

HSG2005 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HSG2005
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2005 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HSG2005 Datasheet HTML 5Page - Renesas Technology Corp HSG2005 Datasheet HTML 6Page - Renesas Technology Corp HSG2005 Datasheet HTML 7Page - Renesas Technology Corp HSG2005 Datasheet HTML 8Page - Renesas Technology Corp HSG2005 Datasheet HTML 9Page - Renesas Technology Corp HSG2005 Datasheet HTML 10Page - Renesas Technology Corp HSG2005 Datasheet HTML 11Page - Renesas Technology Corp HSG2005 Datasheet HTML 12Page - Renesas Technology Corp HSG2005 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
HSG2005
Rev.4.00 Jun 21, 2006 page 12 of 12
Package Dimensions
1.965
1.965
0
2.00
2.00
0.3
0.65
0.35
0.350
0.225
2.075
2.075
0.80
0.05
0.10
0.08
0.10
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
D
E
A
A1
A2
b
e
Lp
x
y
y1
ZD
ZE
76
D
5
1
84
48
2
3
M
xS
A
B
S
y
5
b
6
0.90
7
32
ZD
C0.15
1
e
A
S
B
S
y1
P-HWQFN8-2x2-0.65
PWQN0008ZA-A
TNP-8TV
0.009g
MASS[Typ.]
RENESAS Code
JEITA Package Code
Previous Code
Package Name
HWQFN-8
Ordering Information
Part Name
Quantity
Shipping Container
HSG2005TB-E
2000 pcs.
φ178 mm Reel, 8 mm Emboss taping
Note:
Therefore especially small contact area of terminal, miss contact may occur if inadequate soldering condition is
applied.
Contact Renesas sales office for any question regarding recommended soldering condition of Renesas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com