Electronic Components Datasheet Search
  English  ▼

X  

HSG2005 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HSG2005
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2005 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HSG2005 Datasheet HTML 5Page - Renesas Technology Corp HSG2005 Datasheet HTML 6Page - Renesas Technology Corp HSG2005 Datasheet HTML 7Page - Renesas Technology Corp HSG2005 Datasheet HTML 8Page - Renesas Technology Corp HSG2005 Datasheet HTML 9Page - Renesas Technology Corp HSG2005 Datasheet HTML 10Page - Renesas Technology Corp HSG2005 Datasheet HTML 11Page - Renesas Technology Corp HSG2005 Datasheet HTML 12Page - Renesas Technology Corp HSG2005 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HSG2005
Rev.4.00 Jun 21, 2006 page 9 of 12
S parameter
(VCE = 3 V, IC = 100 mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
100
0.687
-139.8
77.53
120.52
0.0084
45.8
0.682
-105.5
200
0.775
-160.8
47.14
104.05
0.0106
28.1
0.598
-134.6
300
0.786
-169.2
32.99
96.02
0.0107
33.1
0.566
-148.2
400
0.792
-174.5
24.95
91.32
0.0127
39.8
0.559
-155.7
500
0.797
-178.1
19.96
87.93
0.0129
39.0
0.559
-160.4
600
0.802
179.0
16.62
85.12
0.0139
41.5
0.560
-163.5
700
0.803
176.6
14.22
82.63
0.0155
42.8
0.560
-165.9
800
0.804
174.2
12.41
80.38
0.0163
48.0
0.561
-167.7
900
0.802
171.9
10.98
78.31
0.0176
49.1
0.563
-169.1
1000
0.804
169.8
9.81
76.55
0.0191
50.1
0.565
-170.4
1100
0.807
168.1
8.89
74.86
0.0201
51.0
0.567
-171.4
1200
0.809
166.5
8.11
73.18
0.0214
51.7
0.568
-172.3
1300
0.809
164.8
7.47
71.47
0.0230
52.7
0.570
-173.0
1400
0.809
163.1
6.91
69.76
0.0244
53.8
0.572
-173.8
1500
0.809
161.2
6.43
68.18
0.0257
53.0
0.573
-174.5
1600
0.811
159.5
6.00
66.70
0.0275
54.4
0.576
-175.1
1700
0.814
158.1
5.62
65.37
0.0280
54.6
0.578
-175.6
1800
0.817
156.9
5.29
63.93
0.0295
54.2
0.579
-176.0
1900
0.817
155.6
5.00
62.42
0.0314
54.2
0.581
-176.4
2000
0.816
154.0
4.74
60.74
0.0324
54.5
0.583
-176.9
2100
0.814
152.3
4.49
59.29
0.0335
54.4
0.584
-177.3
2200
0.817
150.8
4.28
57.89
0.0350
53.9
0.586
-177.7
2300
0.820
149.5
4.08
56.76
0.0364
53.1
0.587
-178.0
2400
0.824
148.4
3.90
55.44
0.0381
53.8
0.590
-178.4
2500
0.825
147.3
3.73
54.01
0.0389
53.4
0.591
-178.7
2600
0.823
145.8
3.58
52.41
0.0405
52.5
0.591
-179.0
2700
0.822
144.3
3.44
50.91
0.0416
52.6
0.593
-179.4
2800
0.822
142.8
3.30
49.54
0.0432
52.5
0.594
-179.8
2900
0.824
141.5
3.18
48.34
0.0440
51.5
0.595
179.9
3000
0.827
140.4
3.07
47.15
0.0458
51.0
0.596
179.5
3200
0.828
137.9
2.87
44.27
0.0481
50.3
0.596
178.8
3400
0.824
134.8
2.68
41.22
0.0509
49.1
0.596
178.0
3600
0.826
132.4
2.53
38.75
0.0539
48.0
0.597
177.0
3800
0.827
129.6
2.39
35.90
0.0562
46.1
0.597
175.8
4000
0.826
126.2
2.25
32.65
0.0587
44.6
0.597
174.5
4200
0.830
123.6
2.13
29.93
0.0608
43.6
0.596
173.0
4400
0.830
120.8
2.03
27.16
0.0632
41.6
0.596
171.3
4600
0.832
117.3
1.92
23.82
0.0656
40.2
0.597
169.4
4800
0.839
114.6
1.82
20.87
0.0675
38.3
0.599
167.4
5000
0.841
111.9
1.74
18.04
0.0699
36.1
0.601
165.3
5200
0.843
108.6
1.65
14.81
0.0719
34.1
0.606
163.1
5400
0.851
106.1
1.56
11.85
0.0734
32.2
0.612
160.9
5600
0.854
103.6
1.49
8.83
0.0750
29.8
0.618
158.5
5800
0.856
100.5
1.41
5.79
0.0763
27.5
0.624
156.3
6000
0.862
98.4
1.34
2.79
0.0776
25.4
0.631
153.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com