Electronic Components Datasheet Search
  English  ▼

X  

HSG2005 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HSG2005
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2005 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HSG2005 Datasheet HTML 5Page - Renesas Technology Corp HSG2005 Datasheet HTML 6Page - Renesas Technology Corp HSG2005 Datasheet HTML 7Page - Renesas Technology Corp HSG2005 Datasheet HTML 8Page - Renesas Technology Corp HSG2005 Datasheet HTML 9Page - Renesas Technology Corp HSG2005 Datasheet HTML 10Page - Renesas Technology Corp HSG2005 Datasheet HTML 11Page - Renesas Technology Corp HSG2005 Datasheet HTML 12Page - Renesas Technology Corp HSG2005 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
HSG2005
Rev.4.00 Jun 21, 2006 page 11 of 12
S parameter
(VCE = 3.6 V, IC = 100 mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
100
0.669
-141.0
82.98
121.53
0.0107
60.0
0.695
-107.8
200
0.763
-160.3
48.82
105.15
0.0118
37.6
0.583
-133.1
300
0.781
-168.8
33.85
96.65
0.0104
31.8
0.556
-146.8
400
0.787
-174.2
25.53
91.73
0.0110
37.4
0.550
-154.7
500
0.793
-177.9
20.40
88.22
0.0131
38.2
0.548
-159.3
600
0.799
179.3
16.98
85.36
0.0145
43.2
0.548
-162.5
700
0.800
176.8
14.52
82.79
0.0157
44.8
0.549
-165.0
800
0.801
174.4
12.67
80.50
0.0165
46.4
0.550
-166.9
900
0.800
172.1
11.21
78.40
0.0172
47.4
0.552
-168.4
1000
0.801
170.0
10.02
76.59
0.0190
49.6
0.553
-169.7
1100
0.804
168.3
9.07
74.88
0.0203
48.8
0.556
-170.7
1200
0.807
166.7
8.27
73.18
0.0216
52.1
0.558
-171.6
1300
0.807
165.0
7.62
71.44
0.0228
53.0
0.560
-172.3
1400
0.806
163.2
7.06
69.72
0.0242
53.8
0.561
-173.1
1500
0.806
161.3
6.56
68.12
0.0255
53.7
0.563
-173.7
1600
0.809
159.7
6.12
66.61
0.0268
54.4
0.565
-174.3
1700
0.812
158.3
5.73
65.26
0.0282
54.9
0.567
-174.9
1800
0.814
157.1
5.39
63.81
0.0297
54.0
0.569
-175.3
1900
0.815
155.7
5.10
62.28
0.0311
54.1
0.571
-175.7
2000
0.813
154.1
4.83
60.60
0.0324
54.4
0.573
-176.1
2100
0.812
152.5
4.58
59.13
0.0335
54.2
0.575
-176.6
2200
0.814
150.9
4.36
57.72
0.0348
54.2
0.577
-177.0
2300
0.818
149.7
4.16
56.58
0.0365
53.4
0.578
-177.3
2400
0.822
148.5
3.98
55.23
0.0381
53.5
0.580
-177.6
2500
0.822
147.3
3.81
53.78
0.0389
53.4
0.581
-178.0
2600
0.821
145.9
3.65
52.18
0.0402
53.0
0.583
-178.3
2700
0.820
144.4
3.50
50.66
0.0416
53.2
0.584
-178.7
2800
0.819
142.9
3.37
49.28
0.0429
51.7
0.585
-179.0
2900
0.822
141.6
3.24
48.08
0.0443
51.9
0.586
-179.3
3000
0.825
140.5
3.13
46.89
0.0453
51.2
0.587
-179.7
3200
0.826
137.9
2.92
43.98
0.0482
50.0
0.588
179.6
3400
0.823
134.9
2.73
40.91
0.0505
49.5
0.589
178.7
3600
0.825
132.5
2.57
38.42
0.0533
48.0
0.589
177.8
3800
0.825
129.7
2.43
35.54
0.0559
46.2
0.589
176.6
4000
0.825
126.3
2.29
32.27
0.0582
45.6
0.589
175.3
4200
0.829
123.7
2.17
29.53
0.0603
43.9
0.589
173.8
4400
0.828
120.9
2.06
26.75
0.0627
41.8
0.589
172.1
4600
0.830
117.4
1.95
23.41
0.0653
40.4
0.590
170.2
4800
0.838
114.7
1.85
20.45
0.0671
38.2
0.592
168.2
5000
0.840
112.0
1.77
17.60
0.0694
36.3
0.595
166.1
5200
0.842
108.7
1.68
14.35
0.0712
34.3
0.599
163.9
5400
0.850
106.1
1.59
11.39
0.0730
32.3
0.606
161.6
5600
0.854
103.6
1.52
8.34
0.0749
29.6
0.612
159.3
5800
0.856
100.5
1.44
5.27
0.0761
28.1
0.619
157.0
6000
0.861
98.4
1.36
2.29
0.0768
25.7
0.626
154.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com