Electronic Components Datasheet Search
  English  ▼

X  

HSG2005 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HSG2005
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2005 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HSG2005 Datasheet HTML 5Page - Renesas Technology Corp HSG2005 Datasheet HTML 6Page - Renesas Technology Corp HSG2005 Datasheet HTML 7Page - Renesas Technology Corp HSG2005 Datasheet HTML 8Page - Renesas Technology Corp HSG2005 Datasheet HTML 9Page - Renesas Technology Corp HSG2005 Datasheet HTML 10Page - Renesas Technology Corp HSG2005 Datasheet HTML 11Page - Renesas Technology Corp HSG2005 Datasheet HTML 12Page - Renesas Technology Corp HSG2005 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HSG2005
Rev.4.00 Jun 21, 2006 page 10 of 12
S parameter
(VCE = 3.3 V, IC = 100 mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
100
0.675
-140.9
80.79
120.97
0.0127
40.9
0.626
-109.1
200
0.771
-160.6
48.16
104.58
0.0091
37.0
0.594
-134.0
300
0.785
-168.9
33.50
96.32
0.0110
34.4
0.561
-147.6
400
0.790
-174.3
25.29
91.50
0.0128
37.4
0.554
-155.1
500
0.794
-178.0
20.21
88.06
0.0135
41.0
0.553
-159.7
600
0.800
179.2
16.83
85.22
0.0140
42.0
0.553
-163.0
700
0.802
176.7
14.40
82.70
0.0157
44.5
0.554
-165.4
800
0.802
174.3
12.56
80.43
0.0169
47.1
0.555
-167.2
900
0.801
172.0
11.11
78.33
0.0177
49.5
0.557
-168.8
1000
0.802
170.0
9.93
76.55
0.0191
52.1
0.559
-170.0
1100
0.805
168.2
8.99
74.86
0.0204
50.3
0.561
-171.0
1200
0.808
166.6
8.20
73.16
0.0211
51.6
0.563
-171.9
1300
0.808
164.9
7.56
71.44
0.0228
52.5
0.564
-172.7
1400
0.808
163.1
6.99
69.73
0.0247
53.4
0.566
-173.4
1500
0.807
161.3
6.51
68.13
0.0252
53.4
0.567
-174.0
1600
0.809
159.6
6.07
66.63
0.0268
53.9
0.570
-174.7
1700
0.813
158.3
5.68
65.30
0.0281
53.8
0.572
-175.2
1800
0.816
157.0
5.35
63.86
0.0294
54.0
0.574
-175.7
1900
0.816
155.7
5.05
62.34
0.0309
53.8
0.575
-176.1
2000
0.814
154.1
4.79
60.66
0.0323
54.4
0.578
-176.5
2100
0.813
152.4
4.55
59.20
0.0335
54.6
0.579
-176.9
2200
0.816
150.9
4.33
57.79
0.0348
54.0
0.581
-177.3
2300
0.819
149.6
4.12
56.67
0.0362
53.4
0.582
-177.7
2400
0.823
148.5
3.94
55.32
0.0378
53.2
0.584
-178.0
2500
0.824
147.3
3.77
53.88
0.0391
52.9
0.586
-178.3
2600
0.822
145.9
3.62
52.28
0.0409
53.1
0.586
-178.6
2700
0.820
144.3
3.47
50.76
0.0422
52.6
0.588
-179.0
2800
0.821
142.9
3.34
49.39
0.0423
52.1
0.589
-179.4
2900
0.823
141.6
3.22
48.20
0.0444
51.8
0.590
-179.7
3000
0.826
140.5
3.11
47.01
0.0457
51.4
0.591
180.0
3200
0.827
137.9
2.90
44.10
0.0480
50.6
0.592
179.3
3400
0.823
134.9
2.71
41.04
0.0512
49.0
0.592
178.4
3600
0.826
132.4
2.55
38.57
0.0533
47.8
0.593
177.4
3800
0.826
129.6
2.41
35.71
0.0558
46.9
0.592
176.3
4000
0.826
126.3
2.28
32.44
0.0588
45.3
0.593
175.0
4200
0.830
123.7
2.16
29.71
0.0609
43.6
0.592
173.4
4400
0.829
120.8
2.05
26.93
0.0629
41.7
0.592
171.8
4600
0.831
117.3
1.94
23.60
0.0648
40.0
0.593
169.8
4800
0.838
114.7
1.84
20.64
0.0674
38.3
0.595
167.8
5000
0.841
112.0
1.76
17.79
0.0696
36.7
0.598
165.8
5200
0.842
108.7
1.66
14.56
0.0719
34.5
0.603
163.5
5400
0.850
106.1
1.58
11.59
0.0731
32.2
0.608
161.3
5600
0.855
103.6
1.51
8.56
0.0746
29.9
0.615
159.0
5800
0.856
100.5
1.43
5.51
0.0762
27.7
0.621
156.7
6000
0.862
98.4
1.35
2.51
0.0770
25.6
0.629
154.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com