Electronic Components Datasheet Search
  English  ▼

X  

HA1630S08LP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HA1630S08LP
Description  Single CMOS High Drive Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S08LP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HA1630S08LP Datasheet HTML 2Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 3Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 4Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 5Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 6Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 7Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 8Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 9Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HA1630S08
REJ03D0908-0100 Rev.1.00 Feb 22, 2008
Page 6 of 14
Test Circuits (cont.)
(Unless otherwise noted, VDD = 3 V, VSS = 0 V, Ta = 25°C)
13. Slew Rate (Large Signal Input)
10. Power Supply Rejection Ratio, PSRR
11. Input Bias Current, IIB+
9. Common Mode Rejection Ratio, CMRR
1 M
Ω
V
−
+
1.5 V
VOUT
1 k
Ω
1 k
Ω
VIN
1 M
Ω
–1.5 V
1 M
Ω
V
−
+
VDD/2
VOUT
1 k
Ω
1 k
Ω
1 M
Ω
–VDD/2
−
+
VDD
VIN
A
12. Input Bias Current, IIB–
VIN
−
+
VDD
A
−
+
1.7 V – 0.2 V
VDD
V
VOUT
50
Ω
15 pF
VIN
VOUT
∆ttr
∆Vtr
SRr =
∆Vtr / ∆ttr
SRf =
∆Vtf / ∆ttf
∆Vtf
∆ttf
10%
90%
90%
10%
VIN
Measure
Point
VOUT1
Calculate
VIO
VIO1 = VOUT1 / 1001
CMRR Calculation
CMRR = 20log10
|[VIO2 – VIO1]|
0.3 – (–1.5 V)
–1.5 V
VOUT2
VIO2 = VOUT2 / 1001
0.3 V
VDD
Measure
Point
VOUT1
Calculate
VIO
VIO1 = VOUT1 / 1001
CMRR Calculation
PSRR = 20log10
|[VIO2 – VIO1]|
5.5 V – 2.7 V
2.7 V
VOUT2
VIO2 = VOUT2 / 1001
5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com