Electronic Components Datasheet Search
  English  ▼

X  

HA1630S08LP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HA1630S08LP
Description  Single CMOS High Drive Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S08LP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HA1630S08LP Datasheet HTML 4Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 5Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 6Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 7Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 8Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 9Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 10Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 11Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HA1630S08
REJ03D0908-0100 Rev.1.00 Feb 22, 2008
Page 8 of 14
Characteristic Curves
Figure 1 HA1630S08
Supply Current vs. Supply Voltage
Figure 3 HA1630S08
Output High Voltage vs. Resistor Load
23456
100
1 k
10 k
100 k
Supply Voltage, VDD (V)
Resistor Load, RL (Ω)
Figure 2 HA1630S08
Supply Current vs. Ambient Temperature
300
0
3.2
3.1
3.0
2.9
2.8
50
40
30
20
Figure 5 HA1630S08
Output High Voltage vs. Output Source Current
0
20406080
100
Output Source Current, IOSOURCE (mA)
6
5
4
3
2
1
0
Figure 4 HA1630S08
Output Low Voltage vs. Resistor Load
Figure 6 HA1630S08
Output Source Current vs. Ambient Temperature
100
1 k
10 k
100 k
Resistor Load, RL (Ω)
0.2
0.1
0.0
–0.1
100
200
300
0
100
200
–50
–25
0
25
50
75
100
Ambient Temperature, Ta (
°C)
–50
–25
0
25
50
75
100
Ambient Temperature, Ta (
°C)
VDD = 5.5 V
VDD = 5.0 V
VDD = 3.0 V
VDD = 2.7 V
VDD = 3.0 V
VDD = 3.0 V
VDD = 3.0 V
VDD = 2.7 V, 3.0 V
VDD = 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com