Electronic Components Datasheet Search
  English  ▼

X  

HA1630S08LP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HA1630S08LP
Description  Single CMOS High Drive Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S08LP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HA1630S08LP Datasheet HTML 5Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 6Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 7Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 8Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 9Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 10Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 11Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 12Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
HA1630S08
REJ03D0908-0100 Rev.1.00 Feb 22, 2008
Page 9 of 14
Characteristic Curves (cont.)
Figure 9 HA1630S08
Input Offset Voltage vs. Supply Voltage
23456
Supply Voltage, VDD (V)
6
–6
–4
–2
0
2
4
6
–6
–4
–2
0
2
4
Figure 12 HA1630S08
Common Mode Input Voltage vs. Supply Voltage
23456
Supply Voltage, VDD (V)
5
–2
–1
2
1
0
3
4
Figure 10 HA1630S08
Input Offset Voltage vs. Input Voltage
–2.5
–1.5
–0.5
0.5
1.5
Input Voltage, VIN (V)
15
–15
–10
–5
0
5
10
Figure 8 HA1630S08
Output Sink Current vs. Ambient Temperature
–50
–25
0
25
50
75
100
Ambient Temperature, Ta (
°C)
VDD = 3.0 V
Figure 11 HA1630S08
Input Offset Voltage vs. Ambient Temperature
–50
–25
0
25
50
75
100
Ambient Temperature, Ta (
°C)
VDD = 2.7 V, 3.0 V, 5.5 V
VCM–
Common Mode
Input Voltage Range
VCM+
Figure 7 HA1630S08
Output Low Voltage vs. Output Sink Current
0
20406080
100
Output Sink Current, IOSINK (mA)
VDD = 5.5 V
VDD = 5.0 V
VDD = 3.0 V
VDD = 2.7 V
50
40
30
20
6
5
4
3
2
1
0
VDD = 1.5 V, VSS = –1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com