Electronic Components Datasheet Search
  English  ▼

X  

HA1630S08LP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA1630S08LP
Description  Single CMOS High Drive Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S08LP Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA1630S08LP Datasheet HTML 1Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 2Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 3Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 4Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 5Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 6Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 7Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 8Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
REJ03D0908-0100 Rev.1.00 Feb 22, 2008
Page 1 of 14
HA1630S08
Single CMOS High Drive Operational Amplifier
REJ03D0908-0100
Rev.1.00
Feb 22, 2008
Description
HA1630S08 is a low power single CMOS operational amplifier featuring high output current with typical current
supply of 170
µA (2.7 - 5.5 V). This IC designed to operate from a single power supply and have full swing outputs.
Available in CMPAK-5 and MPAK-5 package, the miniature size of this IC not only allows compact integration in
portable devices but also minimizes distance of signal sources (sensors), thus reducing external noise pick up prior to
amplification. This IC exhibit excellent current drive-power ratio capable of 600
Ω load driving and yet resistant to
oscillation for capacitive loads up to 400 pF.
Features
• Low supply current
IDD = 170 µA Typ (VDD = 3 V, RL = No load)
• Low voltage operation
VDD = 2.7 V to 5.5 V
• Low input offset voltage
VIO = 6 mV Max
• Low input bias current
IIB = 1 pA Typ
• High output current
IOSOURCE = 30 mA Typ (VDD = 3.0 V, VOH = 2.5 V)
IOSINK = 30 mA Typ (VDD = 3.0 V, VOL = 0.5 V)
• Input common voltage range includes ground
Ordering Information
Part No.
Package Name
Package Code
HA1630S08CM
CMPAK-5
PTSP0005ZC-A
HA1630S08LP
MPAK-5
PLSP0005ZB-A


Similar Part No. - HA1630S08LP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1630S08 RENESAS-HA1630S08_15 Datasheet
337Kb / 16P
Single CMOS High Drive Operational Amplifier
More results

Similar Description - HA1630S08LP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6041 NSC-LMC6041 Datasheet
381Kb / 12P
CMOS Single Micropower Operational Amplifier
logo
Mitsumi Electronics, Co...
MM3002 MITSUMI-MM3002 Datasheet
136Kb / 6P
CMOS Operational Amplifier (Single)
logo
Renesas Technology Corp
HA1630D07 RENESAS-HA1630D07 Datasheet
235Kb / 15P
Dual CMOS High Drive Operational Amplifier
HA1630D08 RENESAS-HA1630D08 Datasheet
252Kb / 15P
Dual CMOS High Drive Operational Amplifier
HA1630S07 RENESAS-HA1630S07 Datasheet
268Kb / 15P
Single CMOS High Drive Operational Amplifier
HA1630S04 RENESAS-HA1630S04 Datasheet
525Kb / 25P
CMOS Single Operational Amplifier
HA1630S07 RENESAS-HA1630S07_15 Datasheet
316Kb / 16P
Single CMOS High Drive Operational Amplifier
HA1630S08 RENESAS-HA1630S08_15 Datasheet
337Kb / 16P
Single CMOS High Drive Operational Amplifier
HA1630D08 RENESAS-HA1630D08_15 Datasheet
275Kb / 17P
Dual CMOS High Drive Operational Amplifier
HA1630D07 RENESAS-HA1630D07_15 Datasheet
258Kb / 17P
Dual CMOS High Drive Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com