Electronic Components Datasheet Search
  English  ▼

X  

HA1630S08LP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HA1630S08LP
Description  Single CMOS High Drive Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S08LP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HA1630S08LP Datasheet HTML 7Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 8Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 9Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 10Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 11Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 12Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 13Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 14Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
HA1630S08
REJ03D0908-0100 Rev.1.00 Feb 22, 2008
Page 11 of 14
Characteristic Curves (cont.)
20
0
40
80
60
120
100
Figure 24 HA1630S08
Open Loop Gain vs. Resistor Load
Figure 21 HA1630S08
Slew Rate (falling) vs. Capacitive Load
0
100
200
300
400
Capacitive Load, CL (pF)
3.0
1.0
0.0
2.0
Figure 19 HA1630S08
Slew Rate (rising) vs. Ambient Temperature
Figure 22 HA1630S08
Slew Rate (falling) vs. Ambient Temperature
Figure 20 HA1630S08
Slew Rate (rising)
Figure 23 HA1630S08
Slew Rate (falling)
–50
–25
0
25
50
75
100
Ambient Temperature, Ta (
°C)
3.0
1.0
0.0
2.0
–50
–25
0
25
50
75
100
Ambient Temperature, Ta (
°C)
VDD = 3.0 V
VDD = 3.0 V
VDD = 2.7 V, 3.0 V, 5.5 V
VDD = 2.7 V, 3.0 V, 5.5 V
100
1 k
10 k
100 k
Resistor Load, RL (Ω)
2.4
1.4
1.2
1.0
1.6
1.8
2.0
2.2
SRr = 1.70 V/
µs
SRf = 1.94 V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com