Electronic Components Datasheet Search
  English  ▼

X  

M61556FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M61556FP
Description  100 W 1-Channel Amplifier Predriver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61556FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M61556FP Datasheet HTML 3Page - Renesas Technology Corp M61556FP Datasheet HTML 4Page - Renesas Technology Corp M61556FP Datasheet HTML 5Page - Renesas Technology Corp M61556FP Datasheet HTML 6Page - Renesas Technology Corp M61556FP Datasheet HTML 7Page - Renesas Technology Corp M61556FP Datasheet HTML 8Page - Renesas Technology Corp M61556FP Datasheet HTML 9Page - Renesas Technology Corp M61556FP Datasheet HTML 10Page - Renesas Technology Corp M61556FP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
M61556FP
Rev.1.0, Sep.19.2003, page 7 of 13
Electrical characteristics
(Unless otherwise specified, Ta = 25
°C, VDDP, VDDA, B = 12 V, VDA, B = 21 V)
Limits
Item
Symbol
Min.
Typ.
Max.
Unit
Measuring Conditions
Circuit current
VDD circuit current
IDD (A, B)
5
TBD
mA
No input
IDDF (A, B)
30
TBD
mA
During operation (f = 768 kHz, duty =
50%)
IDDP
5
TBD
mA
No input
Input voltage
High input voltage
VIH
2.2
V
Low input voltage
VIL
0.8
V
Low voltage detection
VDD low voltage detect level
VDDR
TBD
7
TBD
V
Between VDD and GND
VDD detect hysteresis
voltage
VDDH
TBD
0.5
TBD
V
Detection
→ Recovery
Thermistor voltage detection
Thermistor voltage detect
level
THR
TBD
6.0
TBD
V
THIN pin (pin 33)
Thermistor detect hysteresis
voltage
THH
TBD
4.8
TBD
V
Detection
→ Recovery
Bootstrap diode
Diode forward voltage
VFL
1.5
TBD
V
HB output current = 100µA
Diode forward voltage
VFH
2.0
TBD
V
HB output current = 100mA
Diode operating resistance
RDON
1.2
TBD
Ω
HB output current = 100mA
Low side gain driver
High input voltage
VOLL
0.25
0.3
V
ILO = 100mA
Low input voltage
VOHL
0.25
0.3
V
ILO =
−100mA, VOHL = VDD−VHO
Pull-up output current
IOHL
2
A
VLO = 0V
Pull-down output current
IOLL
2
A
VLO = 12V
High side gain driver
High input voltage
VOLH
0.25
0.3
V
IHO = 100mA
Low input voltage
VOHH
0.25
0.3
V
IHO =
−100mA, VOHH = VHB−VHO
Pull-up output current
IOHH
2
A
VHO = 0V
Pull-down output current
IOLH
2
A
VHO = 12V
Switching characteristics
Output rise time
trc
TBD
ns
f = 500KHz, CL = 1000pF
Output fall time
tfc
TBD
ns
f = 500KHz, CL = 1000pF
Output rise time (3 V to 9 V)
tr
TBD
TBD
µs
f = 50KHz, CL = 0.1
µF
Output fall time (9 V to 3 V)
tf
TBD
TBD
µs
f = 50KHz, CL = 0.1
µF
Operation input frequency
1/tpf
TBD
768
TBD
KHz
Minimum input pulse width
tpw
40
ns
Cycle = 1.3 µs (f = 768 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com