Electronic Components Datasheet Search
  English  ▼

X  

M61556FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M61556FP
Description  100 W 1-Channel Amplifier Predriver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61556FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M61556FP Datasheet HTML 1Page - Renesas Technology Corp M61556FP Datasheet HTML 2Page - Renesas Technology Corp M61556FP Datasheet HTML 3Page - Renesas Technology Corp M61556FP Datasheet HTML 4Page - Renesas Technology Corp M61556FP Datasheet HTML 5Page - Renesas Technology Corp M61556FP Datasheet HTML 6Page - Renesas Technology Corp M61556FP Datasheet HTML 7Page - Renesas Technology Corp M61556FP Datasheet HTML 8Page - Renesas Technology Corp M61556FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
M61556FP
Rev.1.0, Sep.19.2003, page 3 of 13
Sample Application Circuit
External
External
Protect
Protect
Detector
Detector
INB
INB
+
INA
INA
+
GND
GNDA
VDDA
22
23
24
26
27
28
31
32
33
34
35
36
37
38
39
40
41
42
21
20
19
18
17
16
15
14
13
12
11
9
8
7
6
5
4
3
2
1
25
10
GNDB
PAD5VB
NC
NC
GNDP
INB+
IREFDT
DTCONTA1
INA+
NC
PAD5VA
VDDB
LSGOUTB
HSGOUTB
OUTDB
PROTECT
HBB
DTCONTB1
HBA
OUTDA
LSGOUTA
NC
HSGOUTA
29
30
NC
NC
DTCONTA2
DTCONTA3
NC
PROUT
FIL5V
FILDT
GNDA
NC
VDDA
NC
DTCONTB3
NC
DTCONTB2
THIN
NC
VDDP
PR
PROUT
NC
Power
PowerVDD:
DD:
VDD = 12V
VDD = 12V
10
Ω
10
Ω
10
Ω
10
Ω
0.022
µF
0.022uF
10uH
1
µF
1
µF
10uH
PowerMOSFET:
0.01
µF
4.7
µF
0.01
µF
0.01
µF
4.7
µF
0.01
µF
4.7
µF
6.2k
Ω
To other channels
To other channels
(protection status monitor)
(protection status monitor)
Notes :
1. Refer to section 9.1, Dead Time Control, for information on the settings for pins 6, 15, 16, 29, 30, and 34.
2. Audio performance can be improved by connecting a snubber circuit to the output power FET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com