Electronic Components Datasheet Search
  English  ▼

X  

M61556FP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M61556FP
Description  100 W 1-Channel Amplifier Predriver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61556FP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M61556FP Datasheet HTML 6Page - Renesas Technology Corp M61556FP Datasheet HTML 7Page - Renesas Technology Corp M61556FP Datasheet HTML 8Page - Renesas Technology Corp M61556FP Datasheet HTML 9Page - Renesas Technology Corp M61556FP Datasheet HTML 10Page - Renesas Technology Corp M61556FP Datasheet HTML 11Page - Renesas Technology Corp M61556FP Datasheet HTML 12Page - Renesas Technology Corp M61556FP Datasheet HTML 13Page - Renesas Technology Corp M61556FP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
M61556FP
Rev.1.0, Sep.19.2003, page 12 of 13
Power-On Function Diagram
VDD
HSGOUTA, HSGOUTB (Undefined)
1.5V
(OFF)
(Undefined)
(ON)
LSGOUTA, LSGOUTB
OUTDA, OUTDB
Undefined
"L"
Items in parentheses ( ) indicate the
output Nch MOS FET state.
High side
Low side
Totem pole output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com