Electronic Components Datasheet Search
  English  ▼

X  

M61556FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M61556FP
Description  100 W 1-Channel Amplifier Predriver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61556FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M61556FP Datasheet HTML 1Page - Renesas Technology Corp M61556FP Datasheet HTML 2Page - Renesas Technology Corp M61556FP Datasheet HTML 3Page - Renesas Technology Corp M61556FP Datasheet HTML 4Page - Renesas Technology Corp M61556FP Datasheet HTML 5Page - Renesas Technology Corp M61556FP Datasheet HTML 6Page - Renesas Technology Corp M61556FP Datasheet HTML 7Page - Renesas Technology Corp M61556FP Datasheet HTML 8Page - Renesas Technology Corp M61556FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev.1.0, Sep.19.2003, page 1 of 13
M61556FP
100 W 1-Channel Amplifier Predriver
REJ03F0089-0100Z
Rev.1.0
Sep.19.2003
Description
The M61556FP is a predriver IC developed for use as the output driver of a digital audio power amplifier. It can be
combined with an N-channel MOSFET to create a 100 W, 1-channel (8
Ω load) digital amplifier. (The 200 W version,
the M61557FP, is pin compatible with the M61556FP.)
Features
• On-chip dead time adjustment circuit: Supports easy adjustment by connecting a single resistor. (H-L dead time can
be fine adjusted independently for sides A and B.)
• Suitable for driving full-bridge N-channel MOSFET devices.
• Maximum bootstrap supply voltage: 88 V (peak value)
• Supports high-speed switching.
• On-chip diode for bootstrap circuit.
• On-chip VDD low voltage detector circuit.
• On-chip clock loss detector circuit.
• Output impedance: 2.5 Ω
• Input is TTL level, allowing connecting to 3.3 V or 5 V processors.


Similar Part No. - M61556FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61556FP RENESAS-M61556FP_15 Datasheet
224Kb / 16P
100 W 1-Channel Amplifier Predriver
More results

Similar Description - M61556FP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA910 PHILIPS-SA910 Datasheet
114Kb / 13P
Variable gain RF predriver amplifier
1997 Aug 12
logo
Texas Instruments
TPA4861 TI-TPA4861 Datasheet
415Kb / 24P
1-W AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
STK401-130 SANYO-STK401-130 Datasheet
299Kb / 8P
Two-Channel AF Power Amplifier (- Power Supply) 100 W 100 W Minimum, THD = 0.4%???
logo
Texas Instruments
TAS5176 TI-TAS5176 Datasheet
757Kb / 25P
6-Channel, 100-W, Digital-Amplifier Power Stage
logo
NXP Semiconductors
TFA9843BJ NXP-TFA9843BJ Datasheet
118Kb / 17P
2-channel audio amplifier (SE: 1 W to 20 W)
Rev. 01-4 May 2004
TFA9842BJ NXP-TFA9842BJ Datasheet
121Kb / 17P
2-channel audio amplifier (SE: 1 W to 7.5 W)
Rev. 01-1 March 2004
logo
Renesas Technology Corp
M61556FP RENESAS-M61556FP_15 Datasheet
224Kb / 16P
100 W 1-Channel Amplifier Predriver
logo
Texas Instruments
TAS5176 TI-TAS5176_15 Datasheet
553Kb / 24P
6-Channel, 100-W, Digital-Amplifier Power Stage
logo
M/A-COM Technology Solu...
MAAP-011248-DIE MA-COM-MAAP-011248-DIE Datasheet
1Mb / 10P
Power Amplifier, 1 W
logo
Qorvo, Inc
TQP9113 QORVO-TQP9113 Datasheet
774Kb / 15P
1 W Linear Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com