Electronic Components Datasheet Search
  English  ▼

X  

M61556FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M61556FP
Description  100 W 1-Channel Amplifier Predriver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61556FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M61556FP Datasheet HTML 4Page - Renesas Technology Corp M61556FP Datasheet HTML 5Page - Renesas Technology Corp M61556FP Datasheet HTML 6Page - Renesas Technology Corp M61556FP Datasheet HTML 7Page - Renesas Technology Corp M61556FP Datasheet HTML 8Page - Renesas Technology Corp M61556FP Datasheet HTML 9Page - Renesas Technology Corp M61556FP Datasheet HTML 10Page - Renesas Technology Corp M61556FP Datasheet HTML 11Page - Renesas Technology Corp M61556FP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
M61556FP
Rev.1.0, Sep.19.2003, page 8 of 13
I/O Timing
tpf
INA+,INB+
tpw
HSGOUTA /B
LSGOUTA/B
Td
Dead time
Dead time
Td
Dead Time
To prevent the M61556FP from being destroyed by the shoot-through current from an external MOSFET device, dead
time is provided between HSGOUTA and LSGOUTA as well as between HSGOUTB and LSGOUTB. Refer to the
Dead Time Control section below for information on adjusting the dead time.
Function
Signal System
1. Dead Time Control Settings
The dead time, which protects the M61556FP from being destroyed by the shoot-through current from an external
MOSFET device, can be adjusted as desired by the user by adjusting the external resistor (R) connected to pin 12.
It is possible to adjust the dead times of the high and low sides by setting the dead time control pins of side-A and side-
B to 0 V or 12 V. This makes it easy to tailor the dead time to account for minute variations due to circuit board layout
and to match the characteristics of the connected MOSFET devices.
Relationship Between Pin 12 Resistor, Dead Time Setting, and Output Shoot-Through Current
Pin 12 Resistance Value
Small
← →
Large
Dead time setting
Short
← →
Long
Output stage shoot-through current
Large shoot-through current
← →
Small shoot-through current
Note:
Dead time values are averages for the high and low sides.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com