Electronic Components Datasheet Search
  English  ▼

X  

SH7147 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # SH7147
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7147 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button SH7147 Datasheet HTML 41Page - Renesas Technology Corp SH7147 Datasheet HTML 42Page - Renesas Technology Corp SH7147 Datasheet HTML 43Page - Renesas Technology Corp SH7147 Datasheet HTML 44Page - Renesas Technology Corp SH7147 Datasheet HTML 45Page - Renesas Technology Corp SH7147 Datasheet HTML 46Page - Renesas Technology Corp SH7147 Datasheet HTML 47Page - Renesas Technology Corp SH7147 Datasheet HTML 48Page - Renesas Technology Corp SH7147 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 1108 page
background image
Section 2 CPU
Rev. 3.00 Oct. 06, 2008 Page 21 of 1080
REJ09B0230-0300
2.2.3
System Registers
There are four 32-bit system registers, designated two multiply and accumulate registers (MACH
and MACL), a procedure register (PR), and program counter (PC).
• Multiply and accumulate registers (MACH and MACL)
This register stores the results of multiplication and multiply-and-accumulate operation.
• Procedure register (PR)
This register stores the return-destination address from subroutine procedures.
• Program counter (PC)
The PC indicates the point which is four bytes (two instructions) after the current execution
instruction.
2.2.4
Initial Values of Registers
Table 2.1 lists the initial values of registers after a reset.
Table 2.1
Initial Values of Registers
Type of register
Register
Default
General register
R0 to R14
Undefined
R15 (SP)
SP value set in the exception handling vector table
Control register
SR
I3 to I0: 1111 (H'F)
Reserved bits: 0
Other bits: Undefined
GBR
Undefined
VBR
H'00000000
System register
MACH, MACL, PR
Undefined
PC
PC value set in the exception handling vector table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com