Electronic Components Datasheet Search
  English  ▼

X  

SH7147 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # SH7147
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7147 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button SH7147 Datasheet HTML 27Page - Renesas Technology Corp SH7147 Datasheet HTML 28Page - Renesas Technology Corp SH7147 Datasheet HTML 29Page - Renesas Technology Corp SH7147 Datasheet HTML 30Page - Renesas Technology Corp SH7147 Datasheet HTML 31Page - Renesas Technology Corp SH7147 Datasheet HTML 32Page - Renesas Technology Corp SH7147 Datasheet HTML 33Page - Renesas Technology Corp SH7147 Datasheet HTML 34Page - Renesas Technology Corp SH7147 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 1108 page
background image
Section 1 Overview
Rev. 3.00 Oct. 06, 2008 Page 7 of 1080
REJ09B0230-0300
Items
Specification
Synchronous serial
communication unit
• Master mode or slave mode selectable
• Standard mode or bidirectional mode selectable
• Transmit/receive data length can be selected from 8, 16, and 32 bits.
• Full-duplex communication (transmission and reception executed
simultaneously)
• Consecutive serial communication
• One channel
Controller area
network (RCAN-ET)
• CAN version: Bosch 2.0B active is supported
• Buffer size: 15 buffers for transmission/reception and one buffer for
reception only
• One channel/two channels (see the list in product lineup)
A/D converter (ADC)
• 12 bits × 16 channels
• Conversion request by external triggers, MTU2, or MTU2S
• Two sample-and-hold function units (one unit consists of three sample-
and-hold circuits) (three channels can be sampled simultaneously by
an unit)
I/O ports
• 57 general input/output pins
• Input or output can be selected for each bit
Package
• LQFP1414-100 (0.5 pitch)
Power supply voltage
• Vcc: 3.0 to 3.6 V or 4.5 to 5.5 V
• PVcc: 4.5 to 5.5 V
• AVcc: 4.5 to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com