Electronic Components Datasheet Search
  English  ▼

X  

SH7147 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # SH7147
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7147 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button SH7147 Datasheet HTML 94Page - Renesas Technology Corp SH7147 Datasheet HTML 95Page - Renesas Technology Corp SH7147 Datasheet HTML 96Page - Renesas Technology Corp SH7147 Datasheet HTML 97Page - Renesas Technology Corp SH7147 Datasheet HTML 98Page - Renesas Technology Corp SH7147 Datasheet HTML 99Page - Renesas Technology Corp SH7147 Datasheet HTML 100Page - Renesas Technology Corp SH7147 Datasheet HTML 101Page - Renesas Technology Corp SH7147 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 1108 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 3.00 Oct. 06, 2008 Page 74 of 1080
REJ09B0230-0300
4.8
Usage Notes
4.8.1
Note on Crystal Resonator
A sufficient evaluation at the user’s site is necessary to use the LSI, by referring the resonator
connection examples shown in this section, because various characteristics related to the crystal
resonator are closely linked to the user’s board design. As the oscillator circuit's circuit constant
will depend on the resonator and the floating capacitance of the mounting circuit, the value of each
external circuit’s component should be determined in consultation with the resonator
manufacturer. The design must ensure that a voltage exceeding the maximum rating is not applied
to the oscillator pin.
4.8.2
Notes on Board Design
Measures against radiation noise are taken in this LSI. If further reduction in radiation noise is
needed, it is recommended to use a multiple layer board and provide a layer exclusive to the
system ground.
When using a crystal resonator, place the crystal resonator and its load capacitors as close as
possible to the XTAL and EXTAL pins. Do not route any signal lines near the oscillator circuitry
as shown in figure 4.5. Otherwise, correct oscillation can be interfered by induction.
CL2
Signal A Signal B
This LSI
CL1
XTAL
EXTAL
Avoid
Figure 4.5 Cautions for Oscillator Circuit Board Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com