Electronic Components Datasheet Search
  English  ▼

X  

SH7147 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # SH7147
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7147 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button SH7147 Datasheet HTML 43Page - Renesas Technology Corp SH7147 Datasheet HTML 44Page - Renesas Technology Corp SH7147 Datasheet HTML 45Page - Renesas Technology Corp SH7147 Datasheet HTML 46Page - Renesas Technology Corp SH7147 Datasheet HTML 47Page - Renesas Technology Corp SH7147 Datasheet HTML 48Page - Renesas Technology Corp SH7147 Datasheet HTML 49Page - Renesas Technology Corp SH7147 Datasheet HTML 50Page - Renesas Technology Corp SH7147 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 1108 page
background image
Section 2 CPU
Rev. 3.00 Oct. 06, 2008 Page 23 of 1080
REJ09B0230-0300
2.3.3
Immediate Data Formats
Immediate data of eight bits is placed in the instruction code.
For the MOV, ADD, and CMP/EQ instructions, the immediate data is sign-extended to longword
and then calculated. For the TST, AND, OR, and XOR instructions, the immediate data is zero-
extended to longword and then calculated. Thus, if the immediate data is used for the AND
instruction, the upper 24 bits in the destination register are always cleared.
The immediate data of word or longword is not placed in the instruction code. It is placed in a
table in memory. The table in memory is accessed by the MOV immediate data instruction in PC
relative addressing mode with displacement.
2.4
Features of Instructions
2.4.1
RISC Type
The instructions are RISC-type instructions with the following features:
Fixed 16-Bit Length: All instructions have a fixed length of 16 bits. This improves program code
efficiency.
One Instruction per Cycle: Since pipelining is used, basic instructions can be executed in one
cycle.
Data Size: The basic data size for operations is longword. Byte, word, or longword can be
selected as the memory access size. Byte or word data in memory is sign-extended to longword
and then calculated. Immediate data is sign-extended to longword for arithmetic operations or
zero-extended to longword size for logical operations.
Table 2.2
Word Data Sign Extension
CPU in this LSI
Description
Example of Other CPUs
MOV.W
@(disp,PC),R1
ADD
R1,R0
........
.DATA.W H'1234
Sign-extended to 32 bits, R1
becomes H'00001234, and is
then operated on by the ADD
instruction.
ADD.W #H'1234,R0
Note:
Immediate data is accessed by @(disp,PC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com