Electronic Components Datasheet Search
  English  ▼

X  

SH7147 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # SH7147
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7147 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button SH7147 Datasheet HTML 25Page - Renesas Technology Corp SH7147 Datasheet HTML 26Page - Renesas Technology Corp SH7147 Datasheet HTML 27Page - Renesas Technology Corp SH7147 Datasheet HTML 28Page - Renesas Technology Corp SH7147 Datasheet HTML 29Page - Renesas Technology Corp SH7147 Datasheet HTML 30Page - Renesas Technology Corp SH7147 Datasheet HTML 31Page - Renesas Technology Corp SH7147 Datasheet HTML 32Page - Renesas Technology Corp SH7147 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 1108 page
background image
Section 1 Overview
Rev. 3.00 Oct. 06, 2008 Page 5 of 1080
REJ09B0230-0300
Items
Specification
Advanced user
debugger (AUD)
• RAM monitor mode
AUDCK clock: lower than or equal to both 10 MHz and 1/4 of B
φ
Modules connected to the internal or external bus can be read and
written to.
• Branch trace mode
AUD operation frequency: supports CPU core clock ratios of 1, 1/2,
1/4, and 1/8 with a maximum operating frequency of 20 MHz
• Branch address output
Clock pulse
generator (CPG)
• Clock mode: Input clock can be selected from external input or crystal
resonator
• Five types of clocks generated:
⎯ CPU clock: Maximum 80 MHz (T
opr = −40 to +85°C)
⎯ CPU clock: Maximum 64 MHz (T
opr = −40 to +125°C)
⎯ Bus clock: Maximum 40 MHz (T
opr = −40 to +85°C)
⎯ Bus clock: Maximum 32 MHz (T
opr = −40 to +125°C)
⎯ Peripheral clock: Maximum 40 MHz (T
opr = −40 to +85°C)
⎯ Peripheral clock: Maximum 32 MHz (T
opr = −40 to +125°C)
⎯ MTU2 clock: Maximum 40 MHz (T
opr = −40 to +85°C)
⎯ MTU2 clock: Maximum 32 MHz (T
opr = −40 to +125°C)
⎯ MTU2S clock: Maximum 80 MHz (T
opr = −40 to +85°C)
⎯ MTU2S clock: Maximum 64 MHz (T
opr = −40 to +125°C)
Watchdog timer
(WDT)
• On-chip one-channel watchdog timer
• Interrupt generation is supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com