Electronic Components Datasheet Search
  English  ▼

X  

SH7147 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # SH7147
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7147 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button SH7147 Datasheet HTML 120Page - Renesas Technology Corp SH7147 Datasheet HTML 121Page - Renesas Technology Corp SH7147 Datasheet HTML 122Page - Renesas Technology Corp SH7147 Datasheet HTML 123Page - Renesas Technology Corp SH7147 Datasheet HTML 124Page - Renesas Technology Corp SH7147 Datasheet HTML 125Page - Renesas Technology Corp SH7147 Datasheet HTML 126Page - Renesas Technology Corp SH7147 Datasheet HTML 127Page - Renesas Technology Corp SH7147 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 1108 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 3.00 Oct. 06, 2008 Page 100 of 1080
REJ09B0230-0300
6.3.2
IRQ Control Register (IRQCR)
IRQCR is a 16-bit register that sets the input signal detection mode of the external interrupt input
pins IRQ0 to IRQ3.
Bit:
Initial value:
R/W:
15
14
13
12
11
10
987654321
0
00000000
RRRRRRRR
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
-
-
-
-
-
-
-
-
IRQ31S IRQ30S IRQ21S IRQ20S IRQ11S IRQ10S IRQ01S IRQ00S
Bit
Bit Name
Initial
Value
R/W
Description
15 to 8
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
7
6
IRQ31S
IRQ30S
0
0
R/W
R/W
IRQ3 Sense Select
Set the interrupt request detection mode for pin IRQ3.
00: Interrupt request is detected at the low level of pin
IRQ3
01: Interrupt request is detected at the falling edge of
pin IRQ3
10: Interrupt request is detected at the rising edge of
pin IRQ3
11: Interrupt request is detected at both the falling and
rising edges of pin IRQ3
5
4
IRQ21S
IRQ20S
0
0
R/W
R/W
IRQ2 Sense Select
Set the interrupt request detection mode for pin IRQ2.
00: Interrupt request is detected at the low level of pin
IRQ2
01: Interrupt request is detected at the falling edge of
pin IRQ2
10: Interrupt request is detected at the rising edge of
pin IRQ2
11: Interrupt request is detected at both the falling and
rising edges of pin IRQ2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com