Electronic Components Datasheet Search
  English  ▼

X  

SH7206 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # SH7206
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7206 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button SH7206 Datasheet HTML 51Page - Renesas Technology Corp SH7206 Datasheet HTML 52Page - Renesas Technology Corp SH7206 Datasheet HTML 53Page - Renesas Technology Corp SH7206 Datasheet HTML 54Page - Renesas Technology Corp SH7206 Datasheet HTML 55Page - Renesas Technology Corp SH7206 Datasheet HTML 56Page - Renesas Technology Corp SH7206 Datasheet HTML 57Page - Renesas Technology Corp SH7206 Datasheet HTML 58Page - Renesas Technology Corp SH7206 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 1188 page
background image
Section 2 CPU
Rev. 3.00 Jun. 18, 2008 Page 31 of 1160
REJ09B0191-0300
Bit
Bit Name Initial Value
R/W
Description
31 to 15 —
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
14
BO
0
R/W
BO Bit
Indicates that a register bank has overflowed.
13
CS
0
R/W
CS Bit
Indicates that, in CLIP instruction execution, the value
has exceeded the saturation upper-limit value or
fallen below the saturation lower-limit value.
12 to 10 —
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
9
M
—
R/W
8
Q
—
R/W
M Bit
Q Bit
Used by the DIV0S, DIV0U, and DIV1 instructions.
7 to 4
I[3:0]
1111
R/W
Interrupt Mask Level
3, 2
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
1
S
—
R/W
S Bit
Specifies a saturation operation for a MAC
instruction.
0
T
—
R/W
T Bit
True/false condition or carry/borrow bit
(2)
Global Base Register (GBR)
GBR is referenced as the base address in a GBR-referencing MOV instruction.
(3)
Vector Base Register (VBR)
VBR is referenced as the branch destination base address in the event of an exception or an
interrupt.
(4)
Jump Table Base Register (TBR)
TBR is referenced as the start address of a function table located in memory in a
JSR/N@@(disp8,TBR) table-referencing subroutine call instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com