Electronic Components Datasheet Search
  English  ▼

X  

SH7206 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # SH7206
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7206 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button SH7206 Datasheet HTML 26Page - Renesas Technology Corp SH7206 Datasheet HTML 27Page - Renesas Technology Corp SH7206 Datasheet HTML 28Page - Renesas Technology Corp SH7206 Datasheet HTML 29Page - Renesas Technology Corp SH7206 Datasheet HTML 30Page - Renesas Technology Corp SH7206 Datasheet HTML 31Page - Renesas Technology Corp SH7206 Datasheet HTML 32Page - Renesas Technology Corp SH7206 Datasheet HTML 33Page - Renesas Technology Corp SH7206 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 1188 page
background image
Section 1 Overview
Rev. 3.00 Jun. 18, 2008 Page 6 of 1160
REJ09B0191-0300
Items
Specification
I
2C bus interface 3
(IIC3)
• One channel
• Master mode and slave mode supported
I/O ports
• Input or output can be selected for each bit
• Internal weak keeper circuit
A/D converter (ADC)
• 10-bit resolution
• Eight input channels
• Conversion can be carried out simultaneously on two channels.
• A/D conversion request by the external trigger or timer trigger
D/A converter (DAC)
• 8-bit resolution
• Two output channels
User break controller
(UBC)
• Two break channels
• Addresses, data values, type of access, and data size can all be set
as break conditions
High-performance
user debugging
interface (H-UDI)
• E10A emulator support
• JTAG-standard pin assignment
On-chip RAM
• Four pages
• 128-Kbyte large-capacity memory
Power supply voltage
• Vcc: 1.15 to 1.35 V
• PVcc: 3.0 to 3.6 V
Packages
• LQFP2424-176Cu (0.5 pitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com