Electronic Components Datasheet Search
  English  ▼

X  

SH7206 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # SH7206
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7206 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button SH7206 Datasheet HTML 93Page - Renesas Technology Corp SH7206 Datasheet HTML 94Page - Renesas Technology Corp SH7206 Datasheet HTML 95Page - Renesas Technology Corp SH7206 Datasheet HTML 96Page - Renesas Technology Corp SH7206 Datasheet HTML 97Page - Renesas Technology Corp SH7206 Datasheet HTML 98Page - Renesas Technology Corp SH7206 Datasheet HTML 99Page - Renesas Technology Corp SH7206 Datasheet HTML 100Page - Renesas Technology Corp SH7206 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 1188 page
background image
Section 3 Clock Pulse Generator (CPG)
Rev. 3.00 Jun. 18, 2008 Page 73 of 1160
REJ09B0191-0300
3.2
Input/Output Pins
Table 3.1 lists the clock pulse generator pins and their functions.
Table 3.1
Pin Configuration and Functions of the Clock Pulse Generator
Pin Name
Symbol
I/O
Function
(Clock Operating Mode 2)
Function
(Clock Operating Mode 7)
MD_CLK0
Input
Sets the clock operating mode.
Sets the clock operating
mode.
Mode control pins
MD_CLK2
Input
Sets the clock operating mode.
Sets the clock operating
mode.
XTAL
Output Connected to the crystal resonator.
(Leave this pin open when the
crystal resonator is not in use.)
Leave this pin open.
Crystal input/output
pins (clock input
pins)
EXTAL
Input
Connected to the crystal resonator
or used to input an external clock.
Fix (pull up/pull
down/connect to power
supply/connect to ground)
this pin.
Clock input/output
pin
CKIO
I/O
Clock output pin.
Clock input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com