Electronic Components Datasheet Search
  English  ▼

X  

SH7206 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # SH7206
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7206 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button SH7206 Datasheet HTML 24Page - Renesas Technology Corp SH7206 Datasheet HTML 25Page - Renesas Technology Corp SH7206 Datasheet HTML 26Page - Renesas Technology Corp SH7206 Datasheet HTML 27Page - Renesas Technology Corp SH7206 Datasheet HTML 28Page - Renesas Technology Corp SH7206 Datasheet HTML 29Page - Renesas Technology Corp SH7206 Datasheet HTML 30Page - Renesas Technology Corp SH7206 Datasheet HTML 31Page - Renesas Technology Corp SH7206 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 1188 page
background image
Section 1 Overview
Rev. 3.00 Jun. 18, 2008 Page 4 of 1160
REJ09B0191-0300
Items
Specification
Direct memory access
controller (DMAC)
• Eight channels; external request available for four of them
• Can be activated by on-chip peripheral modules
• Burst mode and cycle steal mode
• Intermittent mode available (16 and 64 cycles supported)
• Transfer information can be automatically reloaded
Clock pulse
generator (CPG)
• Clock mode: Input clock can be selected from external input (EXTAL
or CKIO) or crystal resonator
• Input clock can be multiplied by 16 (max.) by the internal PLL circuit
• Four types of clocks generated:
 CPU clock: Maximum 200 MHz
 Bus clock: Maximum 66 MHz
 Peripheral clock: Maximum 33 MHz
 MTU clock: Maximum 100 MHz
Watchdog timer
(WDT)
• On-chip one-channel watchdog timer
• A counter overflow can reset the LSI
Power-down modes
• Three power-down modes provided to reduce the current consumption
in this LSI
 Sleep mode
 Software standby mode
 Module standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com