Electronic Components Datasheet Search
  English  ▼

X  

HD64F36057 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # HD64F36057
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36057 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button HD64F36057 Datasheet HTML 32Page - Renesas Technology Corp HD64F36057 Datasheet HTML 33Page - Renesas Technology Corp HD64F36057 Datasheet HTML 34Page - Renesas Technology Corp HD64F36057 Datasheet HTML 35Page - Renesas Technology Corp HD64F36057 Datasheet HTML 36Page - Renesas Technology Corp HD64F36057 Datasheet HTML 37Page - Renesas Technology Corp HD64F36057 Datasheet HTML 38Page - Renesas Technology Corp HD64F36057 Datasheet HTML 39Page - Renesas Technology Corp HD64F36057 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 592 page
background image
Section 1 Overview
Rev. 4.00 Mar. 15, 2006 Page 4 of 556
REJ09B0026-0400
1.3
Pin Arrangement
1
2
3
4
5
6
7
8
9 101112 131415 16
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
P71/RXD_2*2
P72/TXD_2*2
P14/
IRQ0
P15/
IRQ1/TMIB1
P16/
IRQ2
P17/
IRQ3/TRGV
P93/SSI
P92/SSO
P91/SSCK
P90/
SCS
PB3/AN3
PB2/AN2
PB1/AN1
PB0/AN0
PB4/AN4
PB5/AN5
P63/FTIOD0
P24
P76/TMOV
P75/TMCIV
P74/TMRIV
P57
P56
P12
P11
P10
P55/
WKP5/ADTRG
P54/
WKP4
P53/
WKP3
P52/
WKP2
P97/HTxD
P96/HRxD
H8/36057 Group
H8/36037 Group
Top View
Notes: 1. Do not connect NC pins (these pins are not connected to the internal circuitry).
2. The SCK3_2, RXD_2, and TXD_2 pins are not multiplexed in the H8/36037.
Figure 1.2 Pin Arrangement of F-ZTAT
TM and Masked ROM Versions (FP-64K, FP-64A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com