Electronic Components Datasheet Search
  English  ▼

X  

HD64F36057 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # HD64F36057
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36057 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button HD64F36057 Datasheet HTML 59Page - Renesas Technology Corp HD64F36057 Datasheet HTML 60Page - Renesas Technology Corp HD64F36057 Datasheet HTML 61Page - Renesas Technology Corp HD64F36057 Datasheet HTML 62Page - Renesas Technology Corp HD64F36057 Datasheet HTML 63Page - Renesas Technology Corp HD64F36057 Datasheet HTML 64Page - Renesas Technology Corp HD64F36057 Datasheet HTML 65Page - Renesas Technology Corp HD64F36057 Datasheet HTML 66Page - Renesas Technology Corp HD64F36057 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 592 page
background image
Section 2 CPU
Rev. 4.00 Mar. 15, 2006 Page 31 of 556
REJ09B0026-0400
2.4.2
Basic Instruction Formats
H8/300H CPU instructions consist of 2-byte (1-word) units. An instruction consists of an
operation field (op), a register field (r), an effective address extension (EA), and a condition field
(cc).
Figure 2.7 shows examples of instruction formats.
• Operation Field
Indicates the function of the instruction, the addressing mode, and the operation to be carried
out on the operand. The operation field always includes the first four bits of the instruction.
Some instructions have two operation fields.
• Register Field
Specifies a general register. Address registers are specified by 3 bits, and data registers by 3
bits or 4 bits. Some instructions have two register fields. Some have no register field.
• Effective Address Extension
8, 16, or 32 bits specifying immediate data, an absolute address, or a displacement. A24-bit
address or displacement is treated as a 32-bit data in which the first 8 bits are 0 (H'00).
• Condition Field
Specifies the branching condition of Bcc instructions.
op
op
rn
rm
NOP, RTS, etc.
ADD.B Rn, Rm, etc.
MOV.B @(d:16, Rn), Rm
rn
rm
op
EA(disp)
op
cc
EA(disp)
BRA d:8
(1) Operation field only
(2) Operation field and register fields
(3) Operation field, register fields, and effective address extension
(4) Operation field, effective address extension, and condition field
Figure 2.7 Instruction Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com