| Electronic Components Datasheet Search |
|
HD64F36057 Datasheet(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36057 Datasheet(HTML) 25 Page - Renesas Technology Corp |
|
25 / 592 page ![]() Rev. 4.00 Mar. 15, 2006 Page xxv of xxxii Figure 14.5 Example of SCI3 Transmission in Asynchronous Mode (8-Bit Data, Parity, One Stop Bit) ........................................................................... 272 Figure 14.6 Sample Serial Transmission Data Flowchart (Asynchronous Mode)...................... 273 Figure 14.7 Example of SCI3 Reception in Asynchronous Mode (8-Bit Data, Parity, One Stop Bit) ........................................................................... 274 Figure 14.8 Sample Serial Reception Data Flowchart (Asynchronous Mode) (1)...................... 276 Figure 14.8 Sample Serial Reception Data Flowchart (Asynchronous Mode) (2)...................... 277 Figure 14.9 Data Format in Clocked Synchronous Communication .......................................... 278 Figure 14.10 Example of SCI3 Transmission in Clocked Synchronous Mode........................... 279 Figure 14.11 Sample Serial Transmission Flowchart (Clocked Synchronous Mode) ................ 280 Figure 14.12 Example of SCI3 Reception in Clocked Synchronous Mode................................ 281 Figure 14.13 Sample Serial Reception Flowchart (Clocked Synchronous Mode)...................... 282 Figure 14.14 Sample Flowchart of Simultaneous Serial Transmit and Receive Operations (Clocked Synchronous Mode)............................................................................... 284 Figure 14.15 Example of Inter-Processor Communication Using Multiprocessor Format (Transmission of Data H'AA to Receiving Station A) .......................................... 286 Figure 14.16 Sample Multiprocessor Serial Transmission Flowchart ........................................ 287 Figure 14.17 Sample Multiprocessor Serial Reception Flowchart (1)........................................ 288 Figure 14.17 Sample Multiprocessor Serial Reception Flowchart (2)........................................ 289 Figure 14.18 Example of SCI3 Reception Using Multiprocessor Format (Example with 8-Bit Data, Multiprocessor Bit, One Stop Bit).............................. 290 Figure 14.19 Receive Data Sampling Timing in Asynchronous Mode ...................................... 293 Section 15 Controller Area Network for Tiny (TinyCAN) Figure 15.1 TinyCAN Block Diagram........................................................................................ 296 Figure 15.2 Standard Format and Extended Format ................................................................... 319 Figure 15.3 Message Data Configuration ................................................................................... 323 Figure 15.4 Reset Clearing Flowchart ........................................................................................ 324 Figure 15.5 CAN Bit Configuration ........................................................................................... 325 Figure 15.6 Transmission Request Flowchart............................................................................. 327 Figure 15.7 Internal Arbitration at Transmission Caused by TXCR/TXPR Setting................... 329 Figure 15.8 Internal Arbitration at Reception Caused by CAN Bus Arbitration Loss (MBn in TXCR = 0 and DART = 0)........................................................................ 330 Figure 15.9 Internal Arbitration at Reception Caused by CAN Bus Arbitration Loss (MBn in TXCR = 1) ................................................................................................ 331 Figure 15.10 Internal Arbitration at Reception Caused by CAN Bus Arbitration Loss (DART = 1) ........................................................................................................... 332 Figure 15.11 Internal Arbitration at Error Detection (MBn in TXCR = 0 and DART = 0)........ 333 Figure 15.12 Internal Arbitration at Error Detection (MBn in TXCR = 1)................................. 334 Figure 15.13 Internal Arbitration at Error Detection (DART = 1).............................................. 335 Figure 15.14 Message Reception Flowchart............................................................................... 336 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |