Electronic Components Datasheet Search
  English  ▼

X  

HD64F36057 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # HD64F36057
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36057 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button HD64F36057 Datasheet HTML 44Page - Renesas Technology Corp HD64F36057 Datasheet HTML 45Page - Renesas Technology Corp HD64F36057 Datasheet HTML 46Page - Renesas Technology Corp HD64F36057 Datasheet HTML 47Page - Renesas Technology Corp HD64F36057 Datasheet HTML 48Page - Renesas Technology Corp HD64F36057 Datasheet HTML 49Page - Renesas Technology Corp HD64F36057 Datasheet HTML 50Page - Renesas Technology Corp HD64F36057 Datasheet HTML 51Page - Renesas Technology Corp HD64F36057 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 592 page
background image
Section 2 CPU
Rev. 4.00 Mar. 15, 2006 Page 16 of 556
REJ09B0026-0400
SP (ER7)
Empty area
Stack area
Figure 2.4 Relationship between Stack Pointer and Stack Area
2.2.2
Program Counter (PC)
This 24-bit counter indicates the address of the next instruction the CPU will execute. The length
of all CPU instructions is 2 bytes (one word), so the least significant PC bit is ignored. (When an
instruction is fetched, the least significant PC bit is regarded as 0). The PC is initialized when the
start address is loaded by the vector address generated during reset exception-handling sequence.
2.2.3
Condition-Code Register (CCR)
This 8-bit register contains internal CPU status information, including an interrupt mask bit (I) and
half-carry (H), negative (N), zero (Z), overflow (V), and carry (C) flags. The I bit is initialized to 1
by reset exception-handling sequence, but other bits are not initialized.
Some instructions leave flag bits unchanged. Operations can be performed on the CCR bits by the
LDC, STC, ANDC, ORC, and XORC instructions. The N, Z, V, and C flags are used as branching
conditions for conditional branch (Bcc) instructions.
For the action of each instruction on the flag bits, see appendix A.1, Instruction List.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com