Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 411 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 411 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 407Page - Renesas Technology Corp SH7261 Datasheet HTML 408Page - Renesas Technology Corp SH7261 Datasheet HTML 409Page - Renesas Technology Corp SH7261 Datasheet HTML 410Page - Renesas Technology Corp SH7261 Datasheet HTML 411Page - Renesas Technology Corp SH7261 Datasheet HTML 412Page - Renesas Technology Corp SH7261 Datasheet HTML 413Page - Renesas Technology Corp SH7261 Datasheet HTML 414Page - Renesas Technology Corp SH7261 Datasheet HTML 415Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 379 of 1312
REJ09B0320-0200
12.2
Input/Output Pins
Table 12.2
Pin Configuration
Channel
Pin Name I/O
Function
Common
TCLKA
Input External clock A input pin
(Channel 1 phase counting mode A phase input)
TCLKB
Input External clock B input pin
(Channel 1 phase counting mode B phase input)
TCLKC
Input External clock C input pin
(Channel 2 phase counting mode A phase input)
TCLKD
Input External clock D input pin
(Channel 2 phase counting mode B phase input)
0
TIOC0A
I/O
TGRA_0 input capture input/output compare output/PWM output pin
TIOC0B
I/O
TGRB_0 input capture input/output compare output/PWM output pin
TIOC0C
I/O
TGRC_0 input capture input/output compare output/PWM output pin
TIOC0D
I/O
TGRD_0 input capture input/output compare output/PWM output pin
1
TIOC1A
I/O
TGRA_1 input capture input/output compare output/PWM output pin
TIOC1B
I/O
TGRB_1 input capture input/output compare output/PWM output pin
2
TIOC2A
I/O
TGRA_2 input capture input/output compare output/PWM output pin
TIOC2B
I/O
TGRB_2 input capture input/output compare output/PWM output pin
3
TIOC3A
I/O
TGRA_3 input capture input/output compare output/PWM output pin
TIOC3B
I/O
TGRB_3 input capture input/output compare output/PWM output pin
TIOC3C
I/O
TGRC_3 input capture input/output compare output/PWM output pin
TIOC3D
I/O
TGRD_3 input capture input/output compare output/PWM output pin
4
TIOC4A
I/O
TGRA_4 input capture input/output compare output/PWM output pin
TIOC4B
I/O
TGRB_4 input capture input/output compare output/PWM output pin
TIOC4C
I/O
TGRC_4 input capture input/output compare output/PWM output pin
TIOC4D
I/O
TGRD_4 input capture input/output compare output/PWM output pin
5
TIC5U
Input TGRU_5 input capture input/external pulse input pin
TIC5V
Input TGRV_5 input capture input/external pulse input pin
TIC5W
Input TGRW_5 input capture input/external pulse input pin
Note:
For the pin configuration in complementary PWM mode, see table 12.54 in section 12.4.8,
Complementary PWM Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com