Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 445 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 445 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 441Page - Renesas Technology Corp SH7261 Datasheet HTML 442Page - Renesas Technology Corp SH7261 Datasheet HTML 443Page - Renesas Technology Corp SH7261 Datasheet HTML 444Page - Renesas Technology Corp SH7261 Datasheet HTML 445Page - Renesas Technology Corp SH7261 Datasheet HTML 446Page - Renesas Technology Corp SH7261 Datasheet HTML 447Page - Renesas Technology Corp SH7261 Datasheet HTML 448Page - Renesas Technology Corp SH7261 Datasheet HTML 449Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 413 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
0
CMPCLR5W 0
R/W
TCNT Compare Clear 5W
Enables or disables requests to clear TCNTW_5 at
TGRW_5 compare match or input capture.
0: Disables TCNTW_5 to be cleared to H'0000 at
TCNTW_5 and TGRW_5 compare match or input
capture
1: Enables TCNTW_5 to be cleared to H'0000 at
TCNTW_5 and TGRW_5 compare match or input
capture
12.3.5
Timer Interrupt Enable Register (TIER)
The TIER registers are 8-bit readable/writable registers that control enabling or disabling of
interrupt requests for each channel. The MTU2 has seven TIER registers, two for channel 0 and
one each for channels 1 to 5.
• TIER_0, TIER_1, TIER_2, TIER_3, TIER_4
76543210
Bit:
Initial value:
R/W:
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TTGE TTGE2 TCIEU TCIEV TGIED TGIEC TGIEB TGIEA
Bit
Bit Name
Initial
Value
R/W
Description
7
TTGE
0
R/W
A/D Converter Start Request Enable
Enables or disables generation of A/D converter start
requests by TGRA input capture/compare match.
0: A/D converter start request generation disabled
1: A/D converter start request generation enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com